Electronic Components Datasheet Search
  English  ▼

X  

LTC4414 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4414
Description  36V, Low Loss PowerPathTM Controller for Large PFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4414 Datasheet(HTML) 2 Page - Linear Technology

  LTC4414 Datasheet HTML 1Page - Linear Technology LTC4414 Datasheet HTML 2Page - Linear Technology LTC4414 Datasheet HTML 3Page - Linear Technology LTC4414 Datasheet HTML 4Page - Linear Technology LTC4414 Datasheet HTML 5Page - Linear Technology LTC4414 Datasheet HTML 6Page - Linear Technology LTC4414 Datasheet HTML 7Page - Linear Technology LTC4414 Datasheet HTML 8Page - Linear Technology LTC4414 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC4414
4414fc
(Note 1)
Supply Voltage (VIN) .................................. –14V to 40V
Voltage from VIN to SENSE ........................ –40V to 40V
Input Voltage
CTL ........................................................– 0.3V to 40V
SENSE .................................................... –14V to 40V
Output Voltage
GATE ..................... –0.3V to the Higher of VIN + 0.3V
or SENSE + 0.3V
STAT .....................................................– 0.3V to 40V
Operating Ambient Temperature Range (Note 2)
I Grade ............................................ – 40
°C to 125°C
E Grade .............................................. – 40
°C to 85°C
Operating Junction Temperature ......... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
The
● denotes specifications which apply over the full operating
temperature range, unless otherwise noted specifications are at TA = 25°C, VIN = 12V, CTL and GND = 0V. Current into a pin is positive
and current out of a pin is negative. All voltages are referenced to GND, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
1
2
3
4
STAT
CTL
GND
NC
8
7
6
5
GATE
VIN
SENSE
NC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 200°C/W
ORDER PART NUMBER
MS8 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4414EMS8
LTC4414IMS8
LTBQF
LTBQG
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN,
Operating Supply Range
VIN and/or VSENSE Must Be in This Range
●
336
V
VSENSE
for Proper Operation
IQFL
Quiescent Supply Current at Low Supply
VIN = 3.6V. Measure Combined Current
●
31
60
µA
While in Forward Regulation
at VIN and SENSE Pins Averaged with
VSENSE = 3.5V and VSENSE = 3.6V (Note 3)
IQFH
Quiescent Supply Current at High Supply
VIN = 36V. Measure Combined Current
●
36
61
µA
While in Forward Regulation
at VIN and SENSE Pins Averaged with
VSENSE = 35.9V and VSENSE = 36V (Note 3)
IQRL
Quiescent Supply Current at Low Supply
VIN = 3.6V, VSENSE = 3.7V. Measure
21
30
µA
While in Reverse Turn-Off
Combined Current of VIN and SENSE Pins
IQRH
Quiescent Supply Current at High Supply
VIN = 35.9V, VSENSE = 36V. Measure
33
45
µA
While in Reverse Turn-Off
Combined Current of VIN and SENSE Pins
IQCL
Quiescent Supply Current at Low Supply
VIN = 3.6V, VCTL = 1V,
14
20
µA
with CTL Active
VIN – VSENSE = 0.9V
IQCH
Quiescent Supply Current at High Supply
VIN = 36V, VCTL = 1V,
26
35
µA
with CTL Active
VIN – VSENSE = 0.9V
ILEAK
VIN and SENSE Pin Leakage Currents
VIN = 28V, SENSE = 0V
–10
–1
1
µA
When Other Pin Supplies Power
VIN = 14V, SENSE = –14V
–10
1
µA
VIN = 36V, SENSE = 8V
–10
1
µA
VIN = 0V, SENSE = 28V
–10
1
µA
VIN = –14V, SENSE = 14V
–10
1
µA
VIN = 8V, SENSE = 36V
–10
1
µA
PowerPath Controller
VFR
PowerPath Switch Forward Regulation
VIN – VSENSE, 3V ≤ VIN ≤ 36V, CGATE = 3nF
●
10
32
mV
Voltage
VRTO
PowerPath Switch Reverse Turn-Off
VSENSE – VIN, 3V ≤ VIN ≤ 36V, CGATE = 3nF
●
10
32
mV
Threshold Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com