Electronic Components Datasheet Search
  English  ▼

X  

1400918 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1400918
Description  SAC-3P-CI/.../... - Sensor/actuator cable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1400918 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1400918 Datasheet HTML 1Page - PHOENIX CONTACT 1400918 Datasheet HTML 2Page - PHOENIX CONTACT 1400918 Datasheet HTML 3Page - PHOENIX CONTACT 1400918 Datasheet HTML 4Page - PHOENIX CONTACT 1400918 Datasheet HTML 5Page - PHOENIX CONTACT 1400918 Datasheet HTML 6Page - PHOENIX CONTACT 1400918 Datasheet HTML 7Page - PHOENIX CONTACT 1400918 Datasheet HTML 8Page - PHOENIX CONTACT 1400918 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position, free cable end, on Valve connector CI (9.4 mm), Wiring:
unwired, cable length: Free input (0.2 ... 40.0 m)
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Flexible solutions - configurable materials with variable cable types and cable lengths
•
Commercial data
Item number
1400918
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF17
Product key
BF1DFA
Catalog page
Page 238 (C-2-2019)
Customs tariff number
85444290
Country of origin
PL
SAC-3P-CI/.../... - Sensor/actuator cable
1400918
https://www.phoenixcontact.com/us/products/1400918
Jul 3, 2024, 2:33 AM
Page 1 (23)


Similar Part No. - 1400918

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400916 PHOENIX-1400916 Datasheet
636Kb / 24P
SAC-3P-MS-CI SCO/.../... - Sensor/actuator cable
1400917 PHOENIX-1400917 Datasheet
643Kb / 24P
SAC-3P-MR-CI SCO/.../... - Sensor/actuator cable
1400919 PHOENIX-1400919 Datasheet
624Kb / 23P
SAC-3P-MS-C SCO/.../... - Sensor/actuator cable
More results

Similar Description - 1400918

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400592 PHOENIX-1400592 Datasheet
68Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MS/5,0-PUR/CI-1LZ
1400605 PHOENIX-1400605 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/CI-1L-Z
1400797 PHOENIX-1400797 Datasheet
41Kb / 1P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/CI-1L-Z
1404806 PHOENIX-1404806 Datasheet
112Kb / 6P
Sensor/Actuator cable - SAC-3P-10,0-PVC/CI B-L
1415939 PHOENIX-1415939 Datasheet
100Kb / 4P
Sensor/actuator cable - SAC-3P- 3,0-PVC/CI-1L-Z
1415940 PHOENIX-1415940 Datasheet
82Kb / 3P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/CI-1L-Z
1415943 PHOENIX-1415943 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/CI-1L-V
1435713 PHOENIX-1435713 Datasheet
107Kb / 6P
Sensor/Actuator cable - SAC-3P-10,0-PUR/CI-1L-Z
1443271 PHOENIX-1443271 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/CI-1L-V
1443284 PHOENIX-1443284 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/CI-1L-V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com