Electronic Components Datasheet Search
  English  ▼

X  

1400918 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1400918
Description  SAC-3P-CI/.../... - Sensor/actuator cable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1400918 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1400918 Datasheet HTML 9Page - PHOENIX CONTACT 1400918 Datasheet HTML 10Page - PHOENIX CONTACT 1400918 Datasheet HTML 11Page - PHOENIX CONTACT 1400918 Datasheet HTML 12Page - PHOENIX CONTACT 1400918 Datasheet HTML 13Page - PHOENIX CONTACT 1400918 Datasheet HTML 14Page - PHOENIX CONTACT 1400918 Datasheet HTML 15Page - PHOENIX CONTACT 1400918 Datasheet HTML 16Page - PHOENIX CONTACT 1400918 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/1400918
CSAus
Approval ID: 13631
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
Use group keine
230 V
6 A
-
-
SAC-3P-CI/.../... - Sensor/actuator cable
1400918
https://www.phoenixcontact.com/us/products/1400918
Jul 3, 2024, 2:33 AM
Page 13 (23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com