Electronic Components Datasheet Search
  English  ▼

X  

ATS19480 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS19480
Description  arge Air Gap, GMR Transmission Speed Sensor IC for Gear Tooth Sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS19480 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS19480 Datasheet HTML 3Page - Allegro MicroSystems ATS19480 Datasheet HTML 4Page - Allegro MicroSystems ATS19480 Datasheet HTML 5Page - Allegro MicroSystems ATS19480 Datasheet HTML 6Page - Allegro MicroSystems ATS19480 Datasheet HTML 7Page - Allegro MicroSystems ATS19480 Datasheet HTML 8Page - Allegro MicroSystems ATS19480 Datasheet HTML 9Page - Allegro MicroSystems ATS19480 Datasheet HTML 10Page - Allegro MicroSystems ATS19480 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Large Air Gap, GMR Transmission
Speed Sensor IC for Gear Tooth Sensing
ATS19480
7
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
CHARACTERISTIC PLOTS
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
-50
0
50
100
150
Ambient Temperature (˚C)
Supply Current High versus Temperature
4
12
24
Vcc (V)
5.5
6.0
6.5
7.0
7.5
8.0
0
5
10
15
20
25
VCC (V)
Supply Current Low versus Supply Voltage
150
25
-40
TA (°C)
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
0
5
10
15
20
25
VCC (V)
Supply Current High versus Supply Voltage
150
25
-40
TA (°C)
1.5
2.0
2.5
3.0
3.5
4.0
-50
0
50
100
150
Ambient Temperature (˚C)
Safety Current (Fault) versus Temperature
4
12
24
Vcc (V)
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
VCC (V)
Safety Current (Fault) versus Supply Voltage
150
25
-40
TA (°C)
5.5
6.0
6.5
7.0
7.5
8.0
-50
0
50
100
150
Ambient Temperature (˚C)
Supply Current Low versus Temperature
4
12
24
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com