Electronic Components Datasheet Search
  English  ▼

X  

ATS19480 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS19480
Description  arge Air Gap, GMR Transmission Speed Sensor IC for Gear Tooth Sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS19480 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS19480 Datasheet HTML 5Page - Allegro MicroSystems ATS19480 Datasheet HTML 6Page - Allegro MicroSystems ATS19480 Datasheet HTML 7Page - Allegro MicroSystems ATS19480 Datasheet HTML 8Page - Allegro MicroSystems ATS19480 Datasheet HTML 9Page - Allegro MicroSystems ATS19480 Datasheet HTML 10Page - Allegro MicroSystems ATS19480 Datasheet HTML 11Page - Allegro MicroSystems ATS19480 Datasheet HTML 12Page - Allegro MicroSystems ATS19480 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Large Air Gap, GMR Transmission
Speed Sensor IC for Gear Tooth Sensing
ATS19480
9
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
Sensing Technology
The sensor IC contains on-chip GMR elements that are used to
detect magnetic signals created by an adjacent target. These trans-
ducers provide electrical signals containing information regarding
edge position of target rotation. The ATS19480 is intended for
use with ferromagnetic targets.
After proper power is applied to the sensor IC, it is capable of
providing digital information that is representative of the fea-
tures of a rotating target. The waveform diagrams in Figure 3
present the automatic translation of the target profiles, through
their induced magnetic profiles, to the digital output signal of the
sensor IC.
Data Protocol Description
When a target passes in front of the device (opposite the branded
face of the package case), the ATS19480 generates an output
pulse for each mechanical edge of the target.
Target Design
The ATS19480 is designed to work with a variety of target
shapes and sizes in addition to the Reference Target 60-0 in this
datasheet. It is recommended that to determine the operating air
gap range for each target, the magnetic profile of each should be
analyzed.
BRP
BOP
Device Orientation to Target
(Pin 1
Side)
(Pin 3
Side)
IC
Package Case
Branded Face
(Top View of
Package Case)
Back-Biasing
Rare-Earth Pellet
Channel
IC
IC Internal Differential Analog Signals
Device Output Signal
Mechanical Position (Target moves past device pin 1 to pin 3)
This tooth
sensed earlier
This tooth
sensed later
+B
Target
Target Magnetic Profile
Channel
Element Pitch
Figure 3: Magnetic Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com