Electronic Components Datasheet Search
  English  ▼

X  

CT100 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # CT100
Description  1D Linear Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT100 Datasheet(HTML) 1 Page - Allegro MicroSystems

  CT100 Datasheet HTML 1Page - Allegro MicroSystems CT100 Datasheet HTML 2Page - Allegro MicroSystems CT100 Datasheet HTML 3Page - Allegro MicroSystems CT100 Datasheet HTML 4Page - Allegro MicroSystems CT100 Datasheet HTML 5Page - Allegro MicroSystems CT100 Datasheet HTML 6Page - Allegro MicroSystems CT100 Datasheet HTML 7Page - Allegro MicroSystems CT100 Datasheet HTML 8Page - Allegro MicroSystems CT100 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The CT100 is a 1D linear sensor in full-bridge configuration
from Allegro developed on its patented XtremeSense™ TMR
technology. The total magnetic field range for the CT100 is
from –50 mT to 50 mT and it achieves a linearity error of ±0.5%
for a range of –20 mT to 20 mT while providing XtremeSense
performance to achieve unparalleled temperature stability
across the full temperature range. The device supports a wide
operating voltage range of 1.0 to 5.5 V.
The CT100 is available in a 6-lead SOT23 package, and for
space-critical applications, a low-profile and small form factor
6-lead DFN package that is 1.50 mm × 1.50 mm × 0.45 mm in
size. The CT100 is also available in die form where it will be
shipped as unsawn wafers (wafer map files will be provided
to indicate known good die).
CT100-DS, Rev. 3
MCO-0001514
• Operating magnetic field range: ±50 mT
• Stable magnetic performance over temperature
• Linearity error: ±0.5% from –20 mT to +20 mT
• Differential outputs
• Supply voltage: 1.0 to 5.5 V
• Operating temperature: –40°C to 150°C
• Package options:
□ 6-lead SOT23
□ 6-lead DFN, 1.50 mm × 1.50 mm × 0.45 mm
□ KGD (known good die) in wafer form
1D Linear Sensor
CT100
FEATURES AND BENEFITS
DESCRIPTION
November 2, 2023
• Linear measurements
• Proximity sensing
• Current sensing
APPLICATIONS
FUNCTIONAL BLOCK DIAGRAMS
Figure 1: CT100 Functional Block Diagram
for SOT23-6
Figure 2: CT100 Functional Block Diagram
for DFN-6


Similar Part No. - CT100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CT100 EXTECH-CT100 Datasheet
131Kb / 1P
Network Cable Tester
logo
LEM
CT100-S LEM-CT100-S Datasheet
52Kb / 2P
Current Transducers CT 100-S
CT100-S LEM-CT100-S Datasheet
61Kb / 2P
Current Transducer
CT100-S LEM-CT100-S_06 Datasheet
61Kb / 2P
Current Transducer
logo
Automatic Timing & Cont...
CT100/5 ATC-CT100/5 Datasheet
315Kb / 2P
Motor Protection Analyzer
More results

Similar Description - CT100

ManufacturerPart #DatasheetDescription
logo
Nanjing Ouzhuo Technolo...
MMLP57F OHHALLSENSOR-MMLP57F Datasheet
275Kb / 3P
TMR Linear Sensor
logo
American Electronic Com...
TMR2001 AEC-TMR2001 Datasheet
410Kb / 4P
TMR Linear Sensor
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
LINEAR AMR SENSOR
logo
NANJING AH ELECTRONICS ...
AH49E AHNJ-AH49E Datasheet
677Kb / 8P
Linear Hall Sensor
AH496B AHNJ-AH496B Datasheet
673Kb / 8P
Linear Hall Sensor
AH3505 AHNJ-AH3505 Datasheet
684Kb / 8P
Linear Hall Sensor
AH3509 AHNJ-AH3509 Datasheet
738Kb / 8P
Linear Hall Sensor
logo
MultiDimension Technolo...
TMR2001 MULTIDIMENSION-TMR2001 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
TMR2003 MULTIDIMENSION-TMR2003 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com