Electronic Components Datasheet Search
  English  ▼

X  

CT100 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # CT100
Description  1D Linear Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT100 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button CT100 Datasheet HTML 6Page - Allegro MicroSystems CT100 Datasheet HTML 7Page - Allegro MicroSystems CT100 Datasheet HTML 8Page - Allegro MicroSystems CT100 Datasheet HTML 9Page - Allegro MicroSystems CT100 Datasheet HTML 10Page - Allegro MicroSystems CT100 Datasheet HTML 11Page - Allegro MicroSystems CT100 Datasheet HTML 12Page - Allegro MicroSystems CT100 Datasheet HTML 13Page - Allegro MicroSystems CT100 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
1D Linear Sensor
CT100
13
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PACKAGE INFORMATION
Table 5: CT100 Package Information
Part Number
Package
Type
# of Leads
Package
Quantity
Lead Finish
Eco Plan [1]
MSL
Rating [2]
Operating
Temperature [3]
Device
Marking [4]
CT100LW-IS6
SOT23
6
3000
Sn
Green & RoHS
1
–40°C to 85°C
CT YWWS
CT100LW-HS6
SOT23
6
3000
Sn
Green & RoHS
1
–40°C to 125°C
CT YWWS
CT100LW-FS6
SOT23
6
3000
Sn
Green & RoHS
1
–40°C to 150°C
CT YWWS
CT100LW-ID6
DFN
6
3000
Sn
Green & RoHS
1
–40°C to 85°C
C YZ
CT100LW-HD6
DFN
6
3000
Sn
Green & RoHS
1
–40°C to 125°C
C YZ
CT100LW-FD6
DFN
6
3000
Sn
Green & RoHS
1
–40°C to 150°C
C YZ
[1]
RoHS is defined as semiconductor products that are compliant to the current EU RoHS requirements. It also will meet the requirement that RoHS
substances do not exceed 0.1% by weight in homogeneous materials. Green is defined as the content of chlorine (Cl), bromine (Br), and antimony
trioxide based flame retardants satisfy JS709B low halogen requirements of ≤ 1,000 ppm.
[2]
MSL Rating = Moisture Sensitivity Level Rating as defined by JEDEC standard classifications.
[3]
Package will withstand ambient temperature range of –40°C to 150°C and storage temperature range of –65°C to 160°C.
[4]
Device Marking for SOT23 is defined as XZ YWWS where XZ = part number, Y = year, WW = work week, and S = sequential number. DFN is
defined as X where X = part number and YZ = date code information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com