Electronic Components Datasheet Search
  English  ▼

X  

ES1C Datasheet(PDF) 4 Page - ON Semiconductor

Part # ES1C
Description  1.0 A Ultra Fast Recovery Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES1C Datasheet(HTML) 4 Page - ON Semiconductor

  ES1C Datasheet HTML 1Page - ON Semiconductor ES1C Datasheet HTML 2Page - ON Semiconductor ES1C Datasheet HTML 3Page - ON Semiconductor ES1C Datasheet HTML 4Page - ON Semiconductor ES1C Datasheet HTML 5Page - ON Semiconductor ES1C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ES1A−ES1D
www.onsemi.com
4
TYPICAL CHARACTERISTICS (continued)
Figure 6. Reverse Recovery Time Characterstic and Test Circuit Diagram
Pulse
Generator
(Note 2)
DUT
(−)
(+)
OSCILLOSCOPE
(Note 1)
50 W
NONINDUCTIVE
50 V
(approx)
1. Rise time = 7.0 ns max; Input impedance = 1.0 MW 22 pf.
2. Rise time = 10 ns max; Source impedance = 50 W.
1.0 cm
SET TIME BASE FOR
trr
+0.5 A
0
−0.25 A
−1.0 A
5/ 10 ns/ cm
50 W
NONINDUCTIVE
50 W
NONINDUCTIVE
NOTES:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com