Electronic Components Datasheet Search
  English  ▼

X  

ES1C Datasheet(PDF) 3 Page - ON Semiconductor

Part # ES1C
Description  1.0 A Ultra Fast Recovery Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES1C Datasheet(HTML) 3 Page - ON Semiconductor

  ES1C Datasheet HTML 1Page - ON Semiconductor ES1C Datasheet HTML 2Page - ON Semiconductor ES1C Datasheet HTML 3Page - ON Semiconductor ES1C Datasheet HTML 4Page - ON Semiconductor ES1C Datasheet HTML 5Page - ON Semiconductor ES1C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ES1A−ES1D
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Forward Current Derating Curve
Figure 2. Forward Voltage Characteristics
Figure 3. Non−Repetitive Surge Current
Figure 4. Reverse Current vs Reverse Voltage
Figure 5. Total Capacitance
1
0
5
10
15
20
25
30
0.4
0.6
0.8
1
1.2
1.4
0.001
0.01
0.1
1
10
Pulse Width = 300 ms
2% Duty Cycle
0
0.1
1
10
100
1000
Percent of Rated Peak Reverse Voltage [%]
025
0
0.2 5
0.5
0.75
1
1.25
1.5
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
ON 0.2 x 0.2”
(5.0 x 5.0 mm)
COPPER PAD AREAS
0.1
1
10
100
0
2
4
6
8
10
12
14
50
75
100
125
150
175
Ambient Temperature [5C]
TA = 25°C
Forward Voltage, VF [V]
Number of Cycles at 60 Hz
20
40
60
80
100
120
140
TA = 125°C
TA = 75°C
TA = 25°C
2
5
10
20
50
100
Reverse Voltage, VR [V]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com