Electronic Components Datasheet Search
  English  ▼

X  

ES2A Datasheet(PDF) 2 Page - ON Semiconductor

Part # ES2A
Description  Fast Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES2A Datasheet(HTML) 2 Page - ON Semiconductor

  ES2A Datasheet HTML 1Page - ON Semiconductor ES2A Datasheet HTML 2Page - ON Semiconductor ES2A Datasheet HTML 3Page - ON Semiconductor ES2A Datasheet HTML 4Page - ON Semiconductor ES2A Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ES2A−ES2D
www.onsemi.com
2
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Forward Current Derating Curve
Figure 2. Foward Voltage Characteristics
0
40
80
120
160
0
0.5
1.0
1.5
2.0
2.5
0.4
0.01
1
50
VF, Forward Voltage (V)
Lead Temperature (5C)
Figure 3. Non−Repetitive Surge Current
Figure 4. Reverse Current vs. Reverse Voltage
1
10
100
0
140
0.1
100
Percent of Rated Peak Reverse Voltage (%)
Number of Cycles at 60 Hz
0.6
0.8
0.1
10
10
1
20
40
60
100
120
1000
20
60
100
140
1.0
1.2
1.4
1.6
1.8
Figure 5. Total Capacitance
0.1
1
0
10
VR, Reverse Voltage (V)
10
100
500
20
30
40
50
60
0
10
20
30
40
50
60
Single Pulse
Half Wave
60 Hz
Resistive or Inductive Load
0.375″ (9.0 mm) Lead Lengths
TA = 25°C
Pulse Width = 300 ms
2% Duty Cycle
80
TA = 25°C
TA = 75°C
TA = 100°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com