Electronic Components Datasheet Search
  English  ▼

X  

ES2A Datasheet(PDF) 3 Page - ON Semiconductor

Part # ES2A
Description  Fast Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES2A Datasheet(HTML) 3 Page - ON Semiconductor

  ES2A Datasheet HTML 1Page - ON Semiconductor ES2A Datasheet HTML 2Page - ON Semiconductor ES2A Datasheet HTML 3Page - ON Semiconductor ES2A Datasheet HTML 4Page - ON Semiconductor ES2A Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ES2A−ES2D
www.onsemi.com
3
Figure 6. Reverse Recovery Time Characteristic and Test Circuit Diagram
0
+0.5 A
(−)
(+)
50 V
(approx)
trr
−0.25 A
−1.0 A
1.0 cm
Set Time Base for
5/10 ns/cm
50 W
noninductive
50 W
noninductive
50 W
noninductive
DUT
Oscilloscope
(Note 2)
Pulse
Generator
(Note 3)
NOTES:
2. Rise time = 7.0 ns max; Input impedance = 1.0 MW 22 pF.
3. Rise time = 10 ns max; Source impedance = 50 W.
ORDERING INFORMATION
Part Number
Device Code Marking
Package Type
Shipping†
ES2A
ES2A
SMB
(Pb−Free)
3000 / Tape & Reel
ES2B
ES2B
SMB
(Pb−Free)
3000 / Tape & Reel
ES2C
ES2C
SMB
(Pb−Free)
3000 / Tape & Reel
ES2D
ES2D
SMB
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com