Electronic Components Datasheet Search
  English  ▼

X  

TDA1547 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1547
Description  Dual top-performance bitstream DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1547 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1547 Datasheet HTML 4Page - NXP Semiconductors TDA1547 Datasheet HTML 5Page - NXP Semiconductors TDA1547 Datasheet HTML 6Page - NXP Semiconductors TDA1547 Datasheet HTML 7Page - NXP Semiconductors TDA1547 Datasheet HTML 8Page - NXP Semiconductors TDA1547 Datasheet HTML 9Page - NXP Semiconductors TDA1547 Datasheet HTML 10Page - NXP Semiconductors TDA1547 Datasheet HTML 11Page - NXP Semiconductors TDA1547 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
September 1991
8
Philips Semiconductors
Product specification
Dual top-performance bitstream DAC
TDA1547
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134)
Notes to the limiting values
1. The substrate voltage must be lower than or equal to the lowest supply voltage.
2. Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX.
UNIT
VSUB
negative substrate voltage; pin 32
note 1
−7.0
−
V
VDDD L. R
positive digital supply voltage; pins 27 and 6
−
5.5
V
VDDD
positive digital supply voltage; pin 2
−
5.5
V
VSSD L. R
negative digital supply voltage; pins 26 and 7
−4.0
−
V
VSSD
negative digital supply voltage; pin 31
−5.5
−
V
VDDA
positive analog supply voltage; pin 17
−
6.0
V
VSSA
negative analog supply voltage; pin 16
−6.0
−
V
VDDD L. R −
VSSD L. R
supply voltage difference between pins 27, 6
and pins 26, 7
−
9.0
V
Ptot
total power dissipation
Tamb = 70 °C
−
1300
mW
Vref L. R
input reference voltage; pins 25 and 8
−6.0
V
VCLK L. R
input voltage clock; pins 28 and 5
−0.5
VDDD+0.5 V
VI L
input voltage channel; pin 30
−0.5
VDDD+0.5 V
VI R
input voltage channel; pin 3
−0.5
VDDD+0.5 V
Tamb
operating ambient temperature
−20
70
°C
Tstg
storage temperature
−40
150
°C
TXTAL
maximum crystal temperature
−
150
°C
VES
electrostatic handling
note 2
−
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com