Electronic Components Datasheet Search
  English  ▼

X  

TDA1547 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA1547
Description  Dual top-performance bitstream DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1547 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA1547 Datasheet HTML 9Page - NXP Semiconductors TDA1547 Datasheet HTML 10Page - NXP Semiconductors TDA1547 Datasheet HTML 11Page - NXP Semiconductors TDA1547 Datasheet HTML 12Page - NXP Semiconductors TDA1547 Datasheet HTML 13Page - NXP Semiconductors TDA1547 Datasheet HTML 14Page - NXP Semiconductors TDA1547 Datasheet HTML 15Page - NXP Semiconductors TDA1547 Datasheet HTML 16Page - NXP Semiconductors TDA1547 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
September 1991
13
Philips Semiconductors
Product specification
Dual top-performance bitstream DAC
TDA1547
handbook, full pagewidth
SAA7350
3
4
5
7
8
9
10
42
43
44
DIGITAL FILTER
INTERFACE INPUTS
INPUT DATA
MODE SELECT
1-BIT DAC
INTERFACE
OUTPUTS
DOL
CLK
DOR
bitclock
wordclock
data left
data right
IDF3 = HIGH
IDF2 = HIGH
IDF1 = LOW
stereo 1-bit data
to
TDA1547
SONY or NPC 8 x F
simultaneous mode
20-bit input format
MCD297
TDA1547
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
17
18
19
20
21
22
23
24
25
26
RIGHT CHANNEL
LEFT CHANNEL
SWITCHED
CAPACITOR
NETWORK
SWITCHED
CAPACITOR
NETWORK
LOGIC
AND
DRIVERS
LOGIC
AND
DRIVERS
to analog
output stage
to analog
output stage
+ 5 V (analog)
– 5 V (analog)
C
220
µF
3.3
k
Ω
560
Ω
– 5 V
(analog)
C
3.3 k
Ω
1.5 k
Ω
– 5 V
(digital)
10
Ω
+ 5 V
(digital)
C
DOL
CLK L
– 5 V
(digital)
10
Ω
C
– 5 V
(digital)
10
Ω
C
C
220
µF
3.3
k
Ω
560
Ω
– 5 V
(analog)
C
3.3 k
Ω
1.5 k
Ω
– 5 V
(digital)
10
Ω
+ 5 V
(digital)
C
DOR
CLK R
+ 5 V
(digital)
10
Ω
C
C
4.7
Ω
C
4.7
Ω
C = 100 nF (chip capacitor)
s
SCKI
WSI
SDI1
SDI2
X SYS 2
(IN L)
(IN R)
Fig.5 Application diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com