Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710205 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # AMIS-710205
Description  200dpi CIS Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710205 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  AMIS-710205 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AMIS-710205-A4/AMIS-710206-A4: 200dpi CIS Modules
Data Sheet
7.0 Environmental Specifications
Table 5: Operating and Storage Environment
Parameter
Symbols
Range
Units
Operating temperature
(1)
Top
0 to 50
°C
Operating humidity
(1)
Hop
10 to 90
%
Storage temperature
(1)
Tstg
-20 to +75
°C
Storage humidity
(1)
Hstg
10 to 90
%
Note:
(1)
These are standard specifications for the CIS modules.
8.0 Electro-Optical Characteristics (25
°C)
Table 6 is the electro-optical characteristics common to all three modules. Table 7 shows the characteristics for each of the two LED
light sources.
Table 6: Common Electro-Optical Characteristics
Parameter
Symbol
Value
Units
Notes
Total number of photo detectors
1728
Elements
Section 1, 2 & 3 number of photo
detectors
448
Elements
Section 4 number of detectors
384
Elements
Pixel-to-pixel spacing
125
µm
Table 7: AMIS-710205/206-A4 Electro-Optical Characteristics
AMIS-710205-A4
IR LED (880nm)
AMIS-710206-A4
Red LED (630nm)
Parameter
Symbol
Value
Units
Note
Line scanning rate
Tint
(1)
90
µsec
@ 5.0MHz clock
frequency
Clock frequency
(2)
Fclk
5.0
MHz
Bright output voltage
(3)
Video output
1.0
Volt
Bright output non-uniformity
(4)
Up
<+/-30
%
Dark non-uniformity
(5)
Ud
<40
mV
Dark output voltage
(6)
Dark level (DL)
<200
mV
Modulation transfer function
(7)
MTF
>40
%
Notes:
(1)
Tint is the line scanning rate or integration time. Tint is determined by the interval between two start pulses (SP).
(2)
Fclk: main clock frequency also equals the video sampling frequency.
(3)
Video output level is controlled with a voltage adjustment as well as the Integration time and the LED light power.
(4)
Up = {[Vp(max) –Vp(min)]/Vp(max)}x100%
Where Vp(max) = maximum peak pixel and Vp(min) = minimum pixel.
(5)
Ud = Vdmax – Vdmin
Vdmin is the minimum output voltage with the LED off.
Vdmax is maximum output voltage with the LED on.
(6)
See Section.9.0.
4
AMI Semiconductor – Aug. 06, M-20608-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com