Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710205 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-710205
Description  200dpi CIS Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710205 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-710205 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AMIS-710205-A4/AMIS-710206-A4: 200dpi CIS Modules
Data Sheet
1.0 General Description
The AMIS-710205-A4 (PI205MC-A4-R) and AMIS-710206-A4 (PI206MC-A4-R) are a family of contact image sensor (CIS) modules. As
a family group they are called AMIS-710205/206 modules. They are long contact image sensor modules, using MOS image sensor
technology for high-speed performance and high sensitivity. They contain their own complete optical system including the light source;
accordingly, they make a very compact imaging system. The four parallel video outputs give this family of CIS modules their high speed
performance. They all possess identical electrical circuit components, as well as the same mechanical and optical components, except
for their LED light sources. They differ in their specification, however, because the different light sources impact the efficacy of the high
speed performance.
The two modules are suitable for scanning A4 size (216mm) documents with eight dots per millimeter (dpm) resolution. Applications
include document scanning, mark readers, gaming and office automation equipment.
2.0 Key Features
• Light source, lens and sensor are integrated into a single module
• Ultra high-speed
• Four parallel analog video outputs clocked at 5.0MHz
• 90µsec/line scanning speed @ 5.0MHz clock rate with optional light sources, selected from the option of two above modules
• 8dpm resolution, 216mm scanning length
• Wide dynamic range
• LED light source (selectable among the two above modules)
• Standard A4 size ≅ 14mm x 19mm x 232mm
• Low power
• Light weight
3.0 Functional Description
Each of the two modules in the family AMIS-710205/206 consists of four major components. The first of them is the printed circuit board
(PCB) on which the 27 imaging chips, AMIS-720233 (PI3033), are bonded. These sensor chips, produced by AMI Semiconductor, are
monolithic devices with 64 photo sensing elements. Each of 27 chips are completely self-contained scanning chips with their control
circuits integrated within the chips, so that they can be cascaded to provide a 1728 photo-elements module. The AMIS-720233 chips
are integrated with the photo sensors' associated multiplex switches, a digital shift register and the chip selection switch. The chip's shift
register sequentially clocks out the integrated image charges from each sensing element and passes them through the chip-select
switch and out onto the video line. The chip-select switches are sequentially switched as each of the predecessor chips completes its
scan. These 27 sensors, bonded on a PCB, are grouped into four sub-cascaded sections. Each contiguously cascaded chip section is
connected on separate video lines, providing four video outputs, VOUT1, VOUT2, VOUT3, and VOUT4. Before the signal charges from
the four video lines appear at their respective outputs, they are converted to signal voltages by four on-board buffer amplifiers; one for
each of its corresponding video section. The first three sections, VOUT1, VOUT2 and VOUT3 have seven sensor chips, while the
VOUT4 has six sensor chips. Since each sensor chip has 64 pixels, there are a total of 1728 pixels (see Figure 1).
Mounted in the module housing, along with the PCB, is the second major component. It is a one-to-one graded indexed micro lens
array, which focuses the image of the scanned documents onto the sensing line of the sensor chips. The third major component
mounted in the module is the LED light source (see Figure 2). This pictorial cross section shows the LED bar light source and its
illumination path as it reflects the image from the document and focuses through the ROD lens on to the image sensing line of the
sensing chips. All components are housed in a small plastic housing and covered with the fourth major component, a glass window.
This cover glass not only serves to protect all of the critical components within the housing from dust, but it also serves a minor role in
the optical system. Together with rest of the module's optical system, the module is adjusted to obtain the optimum depth-of-focus.
1
AMI Semiconductor – Aug. 06, M-20608-001
www.amis.com


Similar Part No. - AMIS-710205

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710200 AMI-AMIS-710200 Datasheet
230Kb / 7P
200dpi CIS Module
AMIS-710201 AMI-AMIS-710201 Datasheet
293Kb / 7P
200dpi CIS Module
AMIS-710207 AMI-AMIS-710207 Datasheet
239Kb / 7P
200dpi CIS Module
AMIS-710207-A4 AMI-AMIS-710207-A4 Datasheet
239Kb / 7P
200dpi CIS Module
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
200dpi CIS Module
More results

Similar Description - AMIS-710205

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710200 AMI-AMIS-710200 Datasheet
230Kb / 7P
200dpi CIS Module
AMIS-710201 AMI-AMIS-710201 Datasheet
293Kb / 7P
200dpi CIS Module
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
200dpi CIS Module
AMIS-710226 AMI-AMIS-710226 Datasheet
224Kb / 7P
200dpi CIS Module
AMIS-710256 AMI-AMIS-710256 Datasheet
231Kb / 7P
200dpi CIS Module
PI201M-A4 AMI-PI201M-A4 Datasheet
962Kb / 6P
200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
200DPI CIS Sensor
PI227 AMI-PI227 Datasheet
648Kb / 10P
200DPI CIS Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com