Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710249 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-710249
Description  200dpi CIS Module with Reflector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710249 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-710249 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710249 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710249 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710249 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710249 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710249 Datasheet HTML 6Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AMIS-710249-A6: 200dpi CIS Module with Reflector
Data Sheet
5.0 Absolute Maximum Rating
Table 2 depicts the absolute maximum parameters. These parameters should not be used in prolonged operation.
Table 2: Absolute Maximum Rating
Parameter
Symbols
Maximum Rating
Units
Vdd
7.0
V
Idd
50
mA
VLED
6.0
V
Power supply
ILED
650
mA
Input clock pulse (high)
Vih
Vdd
V
Input clock pulse (low)
Vil
-0.5
V
6.0 Operating Environment
Table 3: Operating Environment
Parameter
Symbols
Maximum Rating
Units
Operating temperature
Top
0 to 50
°C
Operating humidity
Hop
10 to 85
%
Storage temperature
Tstg
-25 to 85
°C
Storage humidity
Hstg
5 to 95
%
7.0 Electro-Optical Characteristics (25
°C)
Table 4: Electro-Optical Characteristics at 25
°C
Parameter
Symbol
Parameter
Units
Note
Number of photo detectors
832
Elements
Pixel-to-pixel spacing
125
µm
Line scanning rate
Tint
(1)
170
µsec
@ 5MHz clock frequency
Clock frequency
(2)
Fclk
5
MHz
Bright output voltage
(3)
Video output
1.0
V
Specified for tint = 170
µsec
Bright output non-uniformity
(4)
Up
<+/-30
%
Adjacent pixel non-uniformity
(5)
Uadj
<25
%
Dark non-uniformity
(6)
Ud
<50
mV
Dark output voltage
Vd
275<Vd<325
mV
Modulation transfer function
(7)
MTF
>40
%
See Note 7 for MTF & DOF
Notes:
(1)
Tint: Line scanning rate or integration time. Tint is determined by the interval of two start pulses (SP).
(2)
Fclk: main clock frequency applied to into the module. It is also equal to the pixel frequency.
(3)
Vpavg =
∑ Vp(n)/832; where Vp(n) is the nth pixel voltage value
(4)
Up is defined as follows: Upmax= [(Vpmax - Vpavg) / Vpavg] x 100% and Upmin= [(Vpavg - Vpmin) / Vpavg] x 100%; where Upmax is determined by the highest
n
th video pixel, Vp(n), and Vpmin is determined by minimum pixel, Vp(n), then Up is selected from the largest of the two values |Upmax| or |Upmin|.
(5)
Upadj is between two adjacent pixel's non-uniformity and defined as follows:
Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)] x 100%
(6)
Ud = Vdmax – Vdmin
Vdmin is the minimum output in the dark
Vdmax is the maximum output voltage in the light
(7)
MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%]. Depth of focus ( DOF), range is defined with the MTF. MTF is measured at the glass surface to approximately
0.4mm from the glass surface, and is > 40% with its peaks at approximately the mid-point, 0.2mm.
Vmax: maximum output voltage at 50lp/inch (at 1/2 of the optical Nyquest frequency)
Vmin: minimum output voltage at 50lp/inch
(8)
lp / inch: line pair per inch
3
AMI Semiconductor – Aug. 2006, M-20604-001
www.amis.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com