Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710249 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-710249
Description  200dpi CIS Module with Reflector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710249 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-710249 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710249 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710249 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710249 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710249 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710249 Datasheet HTML 6Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AMIS-710249-A6: 200dpi CIS Module with Reflector
Data Sheet
1.0 General Description
The AMIS-710249-A6 (PI249MC-A6-R) is a contact imaging sensor (CIS) module. The module can operate from a single 5V supply. It
has two +5V inputs. One supply is for the LED light source and the other is for the module’s circuit. The module contains 13
sequentially cascaded AMIS-720233 (PI3033) sensor chips. The AMIS-720233 is a 200 dots per inch (dpi) solid-state line imaging
array, also a product of AMI Semiconductor. This imaging device is fabricated using MOS imaging sensor technology for its high-speed
performance and high sensitivity. AMIS-710249-A6 is suitable for scanning A6 size (104mm) documents with eight dots per millimeter
resolution. Applications include ticket, check and card scanners, a variety of mark readers and other automation equipment.
2.0 Key Features
• Low power-single power supply at 5.0V
• Light source, lens and sensor are integrated into a single module
• 8dpm resolution, 104mm scanning length
• High speed page scan - up to 167µsec/line @ 5MHz pixel rate
• Wide dynamic range
• Analog output
• White LED light source
• White pet reflector
• Compact size ≅ 14mm x 19mm x 120mm
• Light weight
3.0 Functional Description
The AMIS-710249-A6 consists of 13 imaging array sensors, which are cascaded to provide 832 photo-detectors. Each sensor contains
its associated multiplex switches and a digital shift register, which controls its sequential readout. Each sensor also contains a chip
select switch so that each following chip is accessed sequentially as its predecessor chip completes its scan. These chips are mounted
on a printed circuit board (PCB), along with clock buffers and a video signal amplifier (see Figure 1).
Figure 1: AMIS-710249-A6 Module Block Diagram
1
AMI Semiconductor – Aug. 2006, M-20604-001
www.amis.com


Similar Part No. - AMIS-710249

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710240 AMI-AMIS-710240 Datasheet
232Kb / 7P
200dpi CIS Module
More results

Similar Description - AMIS-710249

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710200 AMI-AMIS-710200 Datasheet
230Kb / 7P
200dpi CIS Module
AMIS-710201 AMI-AMIS-710201 Datasheet
293Kb / 7P
200dpi CIS Module
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
200dpi CIS Module
AMIS-710226 AMI-AMIS-710226 Datasheet
224Kb / 7P
200dpi CIS Module
AMIS-710227 AMI-AMIS-710227 Datasheet
358Kb / 14P
200dpi CIS Module
AMIS-710251 AMI-AMIS-710251 Datasheet
213Kb / 6P
200dpi CIS Module
AMIS-710252 AMI-AMIS-710252 Datasheet
213Kb / 6P
200dpi CIS Module
AMIS-710256 AMI-AMIS-710256 Datasheet
231Kb / 7P
200dpi CIS Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com