Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710400 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-710400
Description  400dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710400 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-710400 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710400 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710400 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710400 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710400 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710400 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710400 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMIS-710400-A4: 400dpi CIS Module
Data Sheet
Table 1: Pin Configuration
Pin Number
Symbol
Names and Functions
1
Vout
Analog video output
2
Gnd
Ground; 0V
3
Vdd (+5V)
Positive power supply
4
Vn (-5V to -12V)
Negative power supply
5
Gnd
Ground; 0V
6
SP
Shift register start pulse
7
Gnd
Ground; 0V
8
CP
Sampling clock pulse
9
GLED
Ground for the light source; 0V
10
VLED
Supply for the light source
4.0 Absolute Maximum Rating
Table 2: Absolute Maximum Rating
Parameter
Symbols
Maximum Rating
Units
Vdd
10
V
Idd
60
ma
Vn
-15
V
In
10
ma
VLED
6
V
Power supply voltage
ILED
(1)
250
ma
Input clock pulse (high level)
Vih
Vdd – 0.5
V
Input clock pulse (low level)
Vil
-0.5
V
Note:
(1)
The LED light source is for current-controlled operation. The output video is adjusted to a 1.0V maximum, using a standard white document - similar to white typing
paper.
5.0 Environmental Specifications
Table 3: Operating and Storage Environment
Parameter
Symbols
Maximum Rating
Units
Operating temperature
(1)
Top
0 to 50
°C
Operating humidity
(1)
Hop
10 to 85
%
Storage temperature
(1)
Tstg
-25 to+75
°C
Storage humidity
(1)
Hstg
5 to 95
%
Note:
(1)
These are standard specifications for the CIS modules. The TBD is to show that these parameters will be tested later and added to our data sheet.
3
AMI Semiconductor – July 06, M-20587-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com