Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710404 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # AMIS-710404
Description  400dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710404 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  AMIS-710404 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMIS-710404-A8: 400dpi CIS Module
Data Sheet
6.0 Electro-Optical Characteristics at 25
°C
Table 4: Electro-Optical Characteristics at 25
°C
Parameter
Symbol
Parameter
Units
Note
Number of photo detectors
896
Elements
Pixel-to-pixel spacing
63.5
µm
Line scanning rate
Tint
(1)
2.92
msec
@ 307kHz clock
frequency
Clock frequency
(2)
f
307
kHz
Bright output voltage
(3)
Video output
2.0+/- 0.2
Volt
Bright output non-uniformity
(4)
Up
+/-30
%
Dark non-uniformity
(5)
Ud
<200
mV
Dark output voltage
(6)
Dark level (DL)
-200<DL<200
mV
Modulation transfer function
(7)
MTF
>45
%
Notes:
(1)
Tint: line scanning rate or integration time. Tint is determined by the interval between two start pulses (SP).
(2)
f: main clock frequency also equals the video sampling frequency.
(3)
Video output level is controlled with an adjustment as well as integration time.
(4)
Up = {[Vp(max) –Vp(min)]/Vp(max)}x100%
Where VP(max) = maximum peak pixel and VP(min) = minimum pixel.
(5)
Ud = Vdmax – Vdmin
Vdmin is the minimum output voltage with LED off.
Vdmax is maximum output voltage with LED off.
(6)
This level is measured from the reset level, which is located between the pixels, during the pixel reset duration. The reset level is at ground, 0V. It can be adjusted
with the offset potentiometer located on the module.
(7)
MTF = [(Vp(n) – Vp(n+1)] / (Vp(n)+ Vp(n+1)] x 100 [%]
Vp(n): n
th maximum output pixel from a 4.0 lp/mm target.
V(n+1): (n+1)
th minimum output pixel from a 4.0 lp/mm target.
(8)
lp / mm: line pair per mm
7.0 Recommended Operating Conditions at 25
°C
Table 5: Recommended Operating Conditions (25
°C)
Item
Symbol
Min.
Typ.
Max.
Units
Vdd
4.5
5.0
5.5
V
Vn.
-12
-5
-4.0
V
Idd
30
ma
In
8
ma
ILED
250
300
ma
Power supply
VLED
+5
V
Input voltage at digital high
Vih
Vdd -1.0
Vdd -.5
Vdd
V
Input voltage at digital low
Vil
0
0.6
V
Clock frequency
f
0.
0.30
1.0
MHz
Clock pulse high duty cycle
25
%
Clock pulse high duration
0.8
us
Integration time
Tint
3.0
ms
Operating temperature
(1)
Top
25
50
°C
Note:
(1)
See the note under Table 3.
4
AMI Semiconductor – July 06, M-20592-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com