Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710404 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-710404
Description  400dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710404 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-710404 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMIS-710404-A8: 400dpi CIS Module
Data Sheet
1.0 General Description
The AMIS-710404-A8 (PI404MC-A8) is a contact image sensor (CIS) module. It is a long contact image chip, which uses MOS image
sensor technology for high-speed performance and high sensitivity. The AMIS-710404-A8 is suitable for scanning A8 size (57mm)
documents with 15.7 dots per millimeter (dpm) resolution. Applications include document scanning, mark readers, gaming and office
automation equipment.
2.0 Key Features
• Light source, lens and sensor are integrated into a single module
• 15.7dpm resolution, 57mm scanning length
• 1.8msec/line scanning speed @ 500kHz clock rate
• Wide dynamic range
• Analog output
• Yellow-Green light source 570nm
• Compact size ≅ 13mm x 19mm x 70mm
• Low power
• Light weight
3.0 Functional Description
The AMIS-710404-A8 imaging array consists of 7 sensors, which are cascaded to provide 896 photo-detectors with their associated
multiplex switches and a digital shift register, which controls its sequential readout. Mounted in the module is a one-to-one graded
indexed micro lens array, which focuses the scanned documents to image onto its sensing plane. The on-board amplifier processes the
video signal to produce a sequential stream of video at the video output pin of the AMIS-710404-A8 module.
Illumination is accomplished by means of an integrated LED light source. All components are housed in a small plastic housing which
has a cover glass, which acts as the focal point for the object being scanned and protects the imaging array, micro lens assembly and
LED light source from dust. I/O to the module is the 10-pin connector located on one end of the module (see Figure 4). The cross
section of the AMIS-710404-A8 is shown in Figure 1 and the block diagram in Figure 2.
1
AMI Semiconductor – July 06, M-20592-001
www.amis.com


Similar Part No. - AMIS-710404

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710400 AMI-AMIS-710400 Datasheet
226Kb / 7P
400dpi CIS Module
AMIS-710401 AMI-AMIS-710401 Datasheet
272Kb / 9P
400dpi CIS Module
AMIS-710403 AMI-AMIS-710403 Datasheet
219Kb / 7P
400dpi CIS Module
AMIS-710403-A6 AMI-AMIS-710403-A6 Datasheet
219Kb / 7P
400dpi CIS Module
AMIS-710409 AMI-AMIS-710409 Datasheet
242Kb / 8P
400dpi CIS Module
More results

Similar Description - AMIS-710404

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710400 AMI-AMIS-710400 Datasheet
226Kb / 7P
400dpi CIS Module
AMIS-710401 AMI-AMIS-710401 Datasheet
272Kb / 9P
400dpi CIS Module
AMIS-710403 AMI-AMIS-710403 Datasheet
219Kb / 7P
400dpi CIS Module
AMIS-710409 AMI-AMIS-710409 Datasheet
242Kb / 8P
400dpi CIS Module
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
400dpi CIS Module
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
400DPI CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
400DPI CIS Module
PI404MC-A8 AMI-PI404MC-A8 Datasheet
605Kb / 7P
400DPI CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
400DPI CIS Module
PI411MC-A7 AMI-PI411MC-A7 Datasheet
867Kb / 7P
400DPI CIS Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com