Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710409 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # AMIS-710409
Description  400dpi CIS Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710409 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  AMIS-710409 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMIS-710409-A4: 400dpi CIS Module
Data Sheet
7.0 Electro-Optical Characteristics (25
°C)
Table 4: Electro-Optical Characteristics at 25
°C
Parameter
Symbol
Parameter
Units
Note
Total number of photo detectors
3456
Elements
Section 1, 2 & 3 number of photo detectors
896
Elements
Section 4 number of detectors
768
Elements
Pixel-to-pixel spacing
63.5
µm
Line scanning rate
Tint
(1)
180
µsec
@ 5.0MHz clock frequency
Clock frequency
(2)
f
5.0
MHz
Bright output voltage
(3)
Video output
500
mVolt
Bright output non-uniformity
(4)
Up
+/-30
%
Dark non-uniformity
(5)
Ud
<140
mV
Dark output voltage
(6)
Dark level (DL)
<600
mV
Modulation transfer function
(7)
MTF
>50
%
Notes:
(1)
Tint: line scanning rate or integration time. Tint is determined by the interval between two start pulses (SP).
(2)
f: main clock frequency also equals the video sampling frequency.
(3)
Video output level is controlled with an adjustment as well as the integration time
(4)
Up = {[Vp(max) –Vp(min)]/Vp(max)}x100%
Where Vp(max) = maximum peak pixel and Vp(min) = minimum pixel.
(5)
Ud = Vdmax – Vdmin
Vdmin is the minimum output voltage with LED off.
Vdmax is maximum output voltage with LED on.
(6)
This level is measured from the reset level, which is located between the pixels, during the pixel reset duration. The reset level is at or near ground, 0V. Note that
the gain is adjustable on each output. However, it is recommended that the gain should not be increased above the level where the reset ground level starts to
increase above zero.
(7)
A graph of a typical MTF is shown in Figure 3.
8.0 MTF Graph and its Discussion
Figure 3: MTF versus Distance
TYPICAL MTF VS DEPTH OF FOCUS
0
10
20
30
40
50
60
70
0
0.1
0.2
0.3
0.4
0.5
0.6
DEPTH FROM THE WINDOW SURFACE(mm)
4
AMI Semiconductor – July 06, M-20594-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com