Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710409 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-710409
Description  400dpi CIS Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710409 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-710409 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AMIS-710409-A4: 400dpi CIS Module
Data Sheet
1.0 General Description
The AMIS-710409-A4 (PI409MC-A4) is a contact image sensor (CIS) module. It is a long CIS module that uses MOS image sensor
technology for high-speed performance and high sensitivity. Its four parallel video outputs give the AMIS710409-A6 its high speed
performance. The AMIS-710409-A4 is suitable for scanning A4 size (216mm) documents with 15.8 dots per millimeter (dpi) resolution.
Applications include document scanning, mark readers, gaming and office automation equipment.
2.0 Key Features
• Light source, lens and sensor are integrated into a single module
• Ultra high speed
• Four parallel analog video outputs clocked at 5.0MHz
• 180usec/line scanning speed @ 5.0MHz clock speed
• 15.8dpm resolution, 216mm scanning length
• Wide dynamic range
• Red light source 660nm
• Standard A4 size ≅ 14mm x 19mm x 232mm
• Low power
• Light weight
3.0 Functional Description
The AMIS-710409-A4 imaging module consists of 27 AMIS-720442 (PI3042) imaging chips, produced by AMIS. The sensor chips are
monolithic devices with 128 photo sensing elements. Twenty seven of these imaging chips are cascaded to provide a 3456 photo-
elements module. The AMIS-720442 chips are integrated with the associated multiplex switches of the photo sensors, a digital shift
register and a chip selection switch. The shift register sequentially clocks out the integrated image charges from each of the sensing
elements and passes them through the chip-select switch and out onto the video line. The chip-select switches are sequentially
switched as each predecessor chip completes its scan. These 27 sensors, bonded on a PCB, are grouped into four sub-cascaded
sections.
Each contiguously cascaded chip section is connected on separate video lines, therefore providing four video outputs,
VOUT1, VOUT2, VOUT3, and VOUT4. Before the signal charges from the four video lines appear at their respective outputs, they are
converted to signal voltages by four on-board buffer amplifiers; one for each of its corresponding video section. The first three sections,
VOUT1, VOUT2 and VOUT3 have seven sensor chips, while the VOUT4 has six sensor chips. Since each sensor chip has 128 pixels,
there are a total of 3456 pixels (see Figure 1).
Mounted in the module housing along with the PCB, is a one-to-one graded indexed micro lens array, which focuses image of the
scanned documents onto the sensing line of the sensor chips. The third major component mounted in the module is the LED light
source (see Figure 2). The pictorial cross section shows the LED bar light source and its Illumination path as it reflects the image from
the document and focuses through the ROD lens onto the image sensing line of the sensing chips. All components are housed in a
small plastic housing, which has a cover glass. This cover glass also serves as the window. It is the focal point for the object being
scanned and protects all of the critical components within the housing from dust. I/O to the module is a 12-pin connector located on one
end of the module (see Figure 5).
1
AMI Semiconductor – July 06, M-20594-001
www.amis.com


Similar Part No. - AMIS-710409

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710400 AMI-AMIS-710400 Datasheet
226Kb / 7P
400dpi CIS Module
AMIS-710401 AMI-AMIS-710401 Datasheet
272Kb / 9P
400dpi CIS Module
AMIS-710403 AMI-AMIS-710403 Datasheet
219Kb / 7P
400dpi CIS Module
AMIS-710403-A6 AMI-AMIS-710403-A6 Datasheet
219Kb / 7P
400dpi CIS Module
AMIS-710404 AMI-AMIS-710404 Datasheet
219Kb / 7P
400dpi CIS Module
More results

Similar Description - AMIS-710409

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710400 AMI-AMIS-710400 Datasheet
226Kb / 7P
400dpi CIS Module
AMIS-710401 AMI-AMIS-710401 Datasheet
272Kb / 9P
400dpi CIS Module
AMIS-710403 AMI-AMIS-710403 Datasheet
219Kb / 7P
400dpi CIS Module
AMIS-710404 AMI-AMIS-710404 Datasheet
219Kb / 7P
400dpi CIS Module
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
400dpi CIS Module
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
400DPI CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
400DPI CIS Module
PI404MC-A8 AMI-PI404MC-A8 Datasheet
605Kb / 7P
400DPI CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
400DPI CIS Module
PI411MC-A7 AMI-PI411MC-A7 Datasheet
867Kb / 7P
400DPI CIS Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com