Electronic Components Datasheet Search
  English  ▼

X  

TDA1563 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1563
Description  2 x 25 W high efficiency car radio power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1563 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1563 Datasheet HTML 1Page - NXP Semiconductors TDA1563 Datasheet HTML 2Page - NXP Semiconductors TDA1563 Datasheet HTML 3Page - NXP Semiconductors TDA1563 Datasheet HTML 4Page - NXP Semiconductors TDA1563 Datasheet HTML 5Page - NXP Semiconductors TDA1563 Datasheet HTML 6Page - NXP Semiconductors TDA1563 Datasheet HTML 7Page - NXP Semiconductors TDA1563 Datasheet HTML 8Page - NXP Semiconductors TDA1563 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2000 Feb 09
2
Philips Semiconductors
Product specification
2
× 25 W high efficiency car radio power
amplifier
TDA1563Q
FEATURES
• Low dissipation due to switching from Single-Ended
(SE) to Bridge-Tied Load (BTL) mode
• Differential inputs with high Common Mode Rejection
Ratio (CMRR)
• Mute/standby/operating (mode select pin)
• Zero crossing mute circuit
• Load dump protection circuit
• Short-circuit safe to ground, to supply voltage and
across load
• Loudspeaker protection circuit
• Device switches to SE operation at excessive junction
temperatures
• Thermal protection at high junction temperature (170°C)
• Diagnostic information (clip detection and
protection/temperature)
• Clipping information can be selected between
THD = 2.5% or 10%
GENERAL DESCRIPTION
The TDA1563Q is a monolithic power amplifier in a
17-lead DIL-bent-SIL plastic power package. It contains
two identical 25 W amplifiers. The dissipation is minimized
by switching from SE to BTL mode when a higher output
voltage swing is needed. The device is primarily
developed for car radio applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
DC biased
6
14.4
18
V
non-operating
−−
30
V
load dump
−−
45
V
IORM
repetitive peak output current
−−
4A
Iq(tot)
total quiescent current
RL = ∞−
95
150
mA
Istb
standby current
−
150
µA
Z
i
input impedance
90
120
150
k
Ω
Po
output power
RL =4 Ω; EIAJ
−
38
−
W
RL =4 Ω; THD = 10%
23
25
−
W
Vselclip
RL =4 Ω; THD = 2.5%
18
20
−
W
Gv
closed loop voltage gain
25
26
27
dB
CMRR
common mode rejection ratio
f = 1 kHz; Rs =0 Ω−
80
−
dB
SVRR
supply voltage ripple rejection
f = 1 kHz; Rs =0 Ω
45
65
−
dB
∆V
O
DC output offset voltage
−−
100
mV
α
cs
channel separation
Rs =0 Ω
40
70
−
dB
∆G
v
channel unbalance
−−
1dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1563Q
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com