Electronic Components Datasheet Search
  English  ▼

X  

TDA1563 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1563
Description  2 x 25 W high efficiency car radio power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1563 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1563 Datasheet HTML 1Page - NXP Semiconductors TDA1563 Datasheet HTML 2Page - NXP Semiconductors TDA1563 Datasheet HTML 3Page - NXP Semiconductors TDA1563 Datasheet HTML 4Page - NXP Semiconductors TDA1563 Datasheet HTML 5Page - NXP Semiconductors TDA1563 Datasheet HTML 6Page - NXP Semiconductors TDA1563 Datasheet HTML 7Page - NXP Semiconductors TDA1563 Datasheet HTML 8Page - NXP Semiconductors TDA1563 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
2000 Feb 09
4
Philips Semiconductors
Product specification
2
× 25 W high efficiency car radio power
amplifier
TDA1563Q
PINNING
SYMBOL
PIN
DESCRIPTION
IN1+
1
non-inverting input 1
IN1
−
2
inverting input 1
CIN
3
common input
CSE
4
electrolytic capacitor for SE mode
VP1
5
supply voltage 1
MODE
6
mute/standby/operating
OUT1
−
7
inverting output 1
OUT1+
8
non-inverting output 1
GND
9
ground
OUT2
−
10
inverting output 2
OUT2+
11
non-inverting output 2
SC
12
selectable clip
VP2
13
supply voltage 2
DIAG
14
diagnostic: protection/temperature
CLIP
15
diagnostic: clip detection
IN2
−
16
inverting input 2
IN2+
17
non-inverting input 2
handbook, halfpage
TDA1563Q
MGR174
IN1
+
IN1
−
CIN
CSE
VP1
MODE
OUT1
−
OUT1
+
GND
OUT2
−
OUT2
+
SC
VP2
DIAG
CLIP
IN2
−
IN2
+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Fig.2 Pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com