Electronic Components Datasheet Search
  English  ▼

X  

PI0000WSN Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI0000WSN
Description  50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0000WSN Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI0000WSN Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PI0128WSN, PI0256WSN, PI0512WSN
Engineering Data Sheet
Page 5 of 8
Revised March 21, 2002
Clock and Voltage Requirements
The clocking requirements are relatively simple. As it
was indicated in Figure 5 and Table 1, there are only
two input signals that require clocked inputs. They are
CLK, the clock for the shift register, and START, the
shift register start pulse. The timing specifications and
the symbol definition for Figure 6 are listed in Table 2.
The control clock amplitudes for I/Os are compatible
with the 5-Volt CMOS devices.
Figure 6. Timing diagram.
Table 2. Symbol definitions and timing specifications for timing diagram.
Item
Symbol
Min
Typical
Max
Units
Clock cycle time
to
666 (128WSN)
666 (256WSN)
1000 (512WSN)
10000
ns
Clock high pulse width
twh
566 (128WSN)
566 (256WSN)
900 (512WSN)
ns
Clock low pulse width
twl
100
ns
Clock duty cycle
1
50
99
%
Data setup time
tds
100
ns
Data hold time
tdh
100
ns
EOS low-to-high delay
telh
400
ns
EOS high-to-low delay
tehl
400
ns
Signal delay time
tsd
50
ns
Signal settling time
tsh
566 (128WSN)
566 (256WSN)
900 (512WSN)
ns
Signal settle to clock edge
tsch
0
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com