Electronic Components Datasheet Search
  English  ▼

X  

PI0000WSN Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # PI0000WSN
Description  50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0000WSN Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

  PI0000WSN Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0000WSN Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PI0128WSN, PI0256WSN, PI0512WSN
Engineering Data Sheet
Page 8 of 8
Revised March 21, 2002
Package Dimensions
The following figure provides the package dimensions.
Device
A
B
PI0128WSN 1.080±0.010
6.4 mm
PI0256WSN 1.080±0.010
12.8 mm
PI0512WSN 1.600±0.010
25.6 mm
Figure 7. Package dimensions.
Note: Dimensions are in inches except where millimeters (mm) are indicated.
ã
ã2001-2002 AMI Semiconductor.
Printed in USA. All rights reserved. Specifications are subject to change without
notice. Contents may not be reproduced in whole or in part without the express prior written permission of AMIS.
Information furnished herein is believed to be accurate and reliable. However, no responsibility is assumed by AMIS
for its use nor for any infringement of patents or other rights granted by implication or otherwise under any patent or
patent rights of AMIS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com