Electronic Components Datasheet Search
  English  ▼

X  

MB10S Datasheet(PDF) 1 Page - ON Semiconductor

Part # MB10S
Description  Bridge Rectifiers, 0.5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MB10S Datasheet(HTML) 1 Page - ON Semiconductor

  MB10S Datasheet HTML 1Page - ON Semiconductor MB10S Datasheet HTML 2Page - ON Semiconductor MB10S Datasheet HTML 3Page - ON Semiconductor MB10S Datasheet HTML 4Page - ON Semiconductor MB10S Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
www.onsemi.com
 Semiconductor Components Industries, LLC, 2010
February, 2024 − Rev. 3
1
Publication Order Number:
MB10S/D
Bridge Rectifiers, 0.5 A
MB10S
Description
The MB family of bridge rectifiers is a 0.5 A rectifier family that
achieves high surge current absorption within a very small foot print.
Within its small 35 mm2 form factor, the MB family shines in its surge
capability. In order to absorb high surge currents, the design supports
a35A IFSM rating and a 5.0 A2Sec I2T rating. Devices in the family
are also rated to breakdown voltages of up to 1000 V. These features
make the MB family ideal for small power supplies that need a little
extra surge capability.
Features
 Low−Leakage
 Surge Overload Rating: 35 A peak
 Ideal for Printed Circuit Board
 UL Certified: UL #E258596
 This Device is Pb−Free and RoHS Compliant
SOIC4 W
CASE 751EP
MARKING DIAGRAM
$Y
= onsemi Logo
&Z
= Assembly Plant Code
&3
= 3−Digit Data Code (Year & Week)
MB10S = Specific Device Code
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
$Y&Z&3
MB10S
2
1
4
3
−
+


Similar Part No. - MB10S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB10S MCC-MB10S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB10S BILIN-MB10S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
MB10S YANGJIE-MB10S Datasheet
267Kb / 2P
SINGLE PHASE 0.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
MB10S GOOD-ARK-MB10S Datasheet
146Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Daya Electric Group Co....
MB10S DAYA-MB10S Datasheet
43Kb / 1P
SINGLE PHASE 0.5 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - MB10S

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MDB051 JGD-MDB051 Datasheet
128Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MDBL054 JGD-MDBL054 Datasheet
141Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MSB051 JGD-MSB051 Datasheet
132Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MSBL054 JGD-MSBL054 Datasheet
161Kb / 2P
SINGLE PHASE 0.5 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
MB2S YANGJIE-MB2S Datasheet
267Kb / 2P
SINGLE PHASE 0.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Daya Electric Group Co....
MB2S DAYA-MB2S Datasheet
43Kb / 1P
SINGLE PHASE 0.5 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Tiger Electronic Co.,Lt...
MB2S TGS-MB2S Datasheet
288Kb / 2P
SINGLE PHASE 0.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
TMBR6S05 SECOS-TMBR6S05 Datasheet
118Kb / 2P
0.5 Amp Silicon Bridge Rectifiers
logo
Tiger Electronic Co.,Lt...
MBJY TGS-MBJY Datasheet
277Kb / 2P
single phase 0.5 amps. glass passivated bridge rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com