Electronic Components Datasheet Search
  English  ▼

X  

MB10S Datasheet(PDF) 2 Page - ON Semiconductor

Part # MB10S
Description  Bridge Rectifiers, 0.5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MB10S Datasheet(HTML) 2 Page - ON Semiconductor

  MB10S Datasheet HTML 1Page - ON Semiconductor MB10S Datasheet HTML 2Page - ON Semiconductor MB10S Datasheet HTML 3Page - ON Semiconductor MB10S Datasheet HTML 4Page - ON Semiconductor MB10S Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB10S
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
(Values are at TA = 25C unless otherwise noted)
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
1000
V
VRMS
Maximum RMS Bridge Input Voltage
700
V
VR
DC Reverse Voltage (Rated VR)
1000
V
IF(AV)
Average Rectified Forward Current at TA = 50C
On Glass−Epoxy PCB
On Aluminum Substrate
0.5
0.8
A
IFSM
Non−Repetitive Peak Forward Surge Current:
8.3 ms Single Half−Sine−Wave
35
A
TSTG
Storage Temperature Range
−55 to +150
C
TJ
Operating Junction Temperature Range
−55 to +150
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
PD
Power Dissipation
1.4
W
RJA
Thermal Resistance, Junction to Ambient, per Leg (Note 1)
85
C/W
RJL
Thermal Resistance, Junction to Lead, per Leg (Note 1)
20
C/W
1. Device mounted on PCB with 0.5  0.5 inch (13  13 mm) lead length.
ELECTRICAL CHARACTERISTICS (Values are at TA = 25C unless otherwise noted)
Symbol
Parameter
Conditions
Value
Unit
VF
Maximum Forward Voltage, per Diode
IF = 0.5 A
1.0
V
IR
Maximum Reverse Current, per Diode
at Rated VR
TA = 25C
5.0
mA
TA = 125C
0.5
mA
I2t
I2t Rating for Fusing
t < 8.3 ms
5.0
A2s
CT
Typical Capacitance, per Diode
VR = 4.0 V, f = 1.0 MHz
13
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
ORDERING INFORMATION
Part Number
Marking
Package
Shipping†
MB10S
MB10S
SOIC4 W
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com