Electronic Components Datasheet Search
  English  ▼

X  

TDA1576T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1576T
Description  FM/IF amplifier/demodulator circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1576T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1576T Datasheet HTML 4Page - NXP Semiconductors TDA1576T Datasheet HTML 5Page - NXP Semiconductors TDA1576T Datasheet HTML 6Page - NXP Semiconductors TDA1576T Datasheet HTML 7Page - NXP Semiconductors TDA1576T Datasheet HTML 8Page - NXP Semiconductors TDA1576T Datasheet HTML 9Page - NXP Semiconductors TDA1576T Datasheet HTML 10Page - NXP Semiconductors TDA1576T Datasheet HTML 11Page - NXP Semiconductors TDA1576T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1998 Nov 18
8
Philips Semiconductors
Product specification
FM/IF amplifier/demodulator circuit
TDA1576T
OPERATING CHARACTERISTICS
VP = 8.5 V; fIF = 10.7 MHz; RS =60 Ω; fm = 400 Hz with ∆f= ±22.5 kHz; 50 µs de-emphasis (C8-9 = 6.8 nF);
Tamb =25 °C and measurements taken in Fig.1; unless otherwise specified. The demodulator circuit is adjusted at
minimum second harmonic distortion with ViIF = 1 mV.
Standby switch; see Fig.9
V5
input voltage for FM on
;
V19 = 0.3 V
2.4
2.5
−
V
input voltage for FM off
−
2.9
3
V
linear range
−
350
−
mV
I5
input current
V5 =0to2V
−−−100
µA
V5 = 3.5 to 15 V
−−
1
µA
temperature dependence
FM on (3.5VBE)
−
7
−
mV/K
FM off (5VBE)
−
10
−
mV/K
Supply voltage smoothing
V1-2
internal voltage drop
proportional to
V1 − 3VBE
80
210
400
mV
R1-2
internal resistor
5.8
8.3
10.8
k
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IF amplifier and demodulator
ViIF(rms)
input sensitivity (RMS value)
−3 dB before limiting
14
22
35
µV
S/N = 26 dB
−
10
−µV
S/N = 46 dB
−
55
−µV
VoAF(rms)
AF output voltage (RMS value)
60
67
75
mV
VoN
noise voltage for ViIF = 0 (RMS value;
pins 8 and 9)
RS = 300 Ω;
f = 250 to 15000 Hz
−
900
−µV
weighted noise voltage
in accordance with
“DIN 45405”
−
2
−
mV
S/N
signal-to-noise ratio (pins 8 and 9)
ViIF = 1 mV (RMS);
see Fig.3
−
72
−
dB
α
AM
AM suppression
ViIF = 0.5 to 200 mV;
FM: 70 Hz;
±15 kHz;
AM: 1 kHz; m = 30%
−
50
−
dB
α
FM
FM suppression for FM off
ViIF = 500 mV; V5 =3V
80
−−
dB
∆V
8, 9
AFC shift in relation to minimum second
harmonic distortion
α
2H
ViIF = 0.03 to 500 mV
−
25
−
mV
DC offset at second harmonic distortion
operating
−
0
±100
mV
mute or FM off
−
0
±50
mV
α
3H
distortion for third harmonic
−
0.65
−
%
RR
ripple rejection Vripple = 200 mV on VP
f = 100 Hz
43
48
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
3, 7
V
3, 7(max)
-----------------------
0.9
=
V
5
T
∆
-------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com