Electronic Components Datasheet Search
  English  ▼

X  

TDA1576T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA1576T
Description  FM/IF amplifier/demodulator circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1576T Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1576T Datasheet HTML 1Page - NXP Semiconductors TDA1576T Datasheet HTML 2Page - NXP Semiconductors TDA1576T Datasheet HTML 3Page - NXP Semiconductors TDA1576T Datasheet HTML 4Page - NXP Semiconductors TDA1576T Datasheet HTML 5Page - NXP Semiconductors TDA1576T Datasheet HTML 6Page - NXP Semiconductors TDA1576T Datasheet HTML 7Page - NXP Semiconductors TDA1576T Datasheet HTML 8Page - NXP Semiconductors TDA1576T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Fig.1 Block diagram.
handbook, full pagewidth
MEH139
DETUNE
DETECTOR
0.5
mA
3.7 k
Ω
8.3 k
Ω
560 pF
33 pF
QL = 20
fo = 10.7 MHz
33 pF
6.8 nF
audio
outputs
10
Ω
0.1
µF
47
µF
3.7 k
Ω
V2
MUTE
ATTENUATOR
QUADRATURE
DEMODULATOR
RES1
IF1
CPS
VP
VP
V1
V2
RES2
IF2
VoAF1
VAF
−VAF
VoAF2
n.c.
10
9
8
Vi(det)
12
n.c.
11
Vo(det)
13
Vref
14
VF0
16
ViIF
17
VFB2
VFB1
0.1
µF
0.1
µF
ViIF
RS
RS
18
GND
2 V (RMS)
20
19
VF
15
7
6
5
4
3
2
1
FMON
FM
on
REFERENCE
VOLTAGE
reference
voltage
detune
voltage
zero adjustment
of
field strength
indicator
field strength
LEVEL DETECTOR
4-STAGE
LIMITER/
AMPLIFIER
+4.9 V
+8.5 V
3.6 k
Ω
25
k
Ω
25
k
Ω
1 nF
0.47
µF
1 mA
TDA1576T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com