Electronic Components Datasheet Search
  English  ▼

X  

PI324MC-A4 Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # PI324MC-A4
Description  300DPI CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI324MC-A4 Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

  PI324MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Clock pulse high duration
50
ns
Integration time
Tint(1)
0.270
5.0
ms
Operating temperature
Top
25
50
0C
Note: Minimum Tint is measured with the longest array.
Table 5. Recommended Operating Conditions (25 °C)
Switching Characteristics (25° C)
The timing diagram for both arrays, section 1 and section 2 are shown in Figure 5. Timing
Diagram for both Section 1 and Section 2.
Figure 5. Timing Diagram for both Section 1 and Section 2.
The switching characteristics for the I/O clocks are labeled symbolic acronyms for each
corresponding clock's switching edges. The corresponding times for these symbols are
given in the following Table 6.
Item
Symbol
Min.
Typical
Max.
Units
Clock cycle time
to
0.20
4.0
µs
Clock pulse width
tw
50
ns
Clock duty cycle
25
75
%
Prohibit crossing time
of Start Pulse
tprh
15
ns
Data setup time
tds
20
ns
Data hold time
tdh
20
ns
Signal delay time
tdl
50
ns
Signal settling time
tsh
120
ns
Table 6. Symbol Definitions for the Timing Diagram
CP
SP
tds
Vout
tsh
tdl
to
tw
tprh
tdh
PAGE 8 OF 9 - PI324MC-A4, 11-15-00
MODULE TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com