Electronic Components Datasheet Search
  English  ▼

X  

PI324MC-A4 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # PI324MC-A4
Description  300DPI CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI324MC-A4 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  PI324MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI324MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Key Features
• Light source, lens, and sensor are integrated into a single module
• 11.8 dpm resolution, 216 mm total scanning length(2592 pixels long)
• Two Independent Analog Outputs(Split into two section of 1248 pixels and 1344 pixels)
• Up to 270µsec/line scanning speed with Red Light Source
• Wide dynamic range
• RED LED light source
•
Compact size
≅ 14 mm x 19 mm x 232 mm
•
Low power
•
Light weight
General Description
The PI324MC-A4 is a CIS module. It is a dual-analog-output contact image sensor, using
MOS image sensor technology for high-speed performance and high sensitivity. The
PI324MC-A4 is suitable for scanning A4 size (216 mm) documents with 11.8 dots per
millimeter resolution. Applications includes fax machines, game systems, variety of mark
readers, and other automation equipment requiring document scanners.
Functional Description
The PI324MC-A4 imaging array consists of 27 sensors, PI3021 produced by Peripheral
Imaging Corp. The sensor is a monolithic chip with an array of 96 photo sensing elements,
of which 27 are cascaded to provide 2592 photo-detectors. Additionally, these chips gives
the users the readout flexibility in selecting their desired data format. These cascaded
chips are segregated into two electrically independent sections of 13 chips and 14 chips,
PI324MC-A4
Engineering Data Sheet
Peripheral
Imaging
Corporation
™
300DPI CIS Module
PAGE 1 OF 9 - PI324MC-A4, 11-15-00


Similar Part No. - PI324MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI321MC-A6 AMI-PI321MC-A6 Datasheet
591Kb / 6P
300DPI CIS Module
PI322MC-A4 AMI-PI322MC-A4 Datasheet
594Kb / 6P
300DPI CIS Module
PI325MC-A4 AMI-PI325MC-A4 Datasheet
600Kb / 6P
300DPI CIS Module
More results

Similar Description - PI324MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710317 AMI-AMIS-710317 Datasheet
216Kb / 7P
300dpi CIS Module
AMIS-710321 AMI-AMIS-710321 Datasheet
215Kb / 7P
300dpi CIS Module
AMIS-710322 AMI-AMIS-710322 Datasheet
198Kb / 7P
300dpi CIS Module
AMIS-710324 AMI-AMIS-710324 Datasheet
296Kb / 9P
300dpi CIS Module
AMIS-710325 AMI-AMIS-710325 Datasheet
224Kb / 7P
300dpi CIS Module
PI317MC-A6C AMI-PI317MC-A6C Datasheet
595Kb / 6P
300DPI CIS Module
PI321MC-A6 AMI-PI321MC-A6 Datasheet
591Kb / 6P
300DPI CIS Module
PI322MC-A4 AMI-PI322MC-A4 Datasheet
594Kb / 6P
300DPI CIS Module
PI325MC-A4 AMI-PI325MC-A4 Datasheet
600Kb / 6P
300DPI CIS Module
PI330MC-DR AMI-PI330MC-DR Datasheet
630Kb / 9P
300DPI CIS Two Level Digital Output Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com