Electronic Components Datasheet Search
  English  ▼

X  

PP30 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # PP30
Description  PP30 Pin & Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PP30 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  PP30 Datasheet HTML 1Page - Anderson Power Products, Inc. PP30 Datasheet HTML 2Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HEADQUARTERS: Anderson Power Products®, 13 Pratts Junction Road, Sterling, MA01564-2305 USA T:978-422-3600 F:978-422-3700
EUROPE: Anderson Power Products® Ltd., Unit 3, Europa Court, Europa Boulevard, Westbrook, Warrington, Cheshire, WA5 7TN United Kingdom T: +44 (0) 1925 428390 F: +44 (0) 1925 428399
ASIA / PACIFIC:IDEAL AndersonAsia Pacific Ltd., Unit 922-928 Topsail Plaza, 11 On Sum Street, Shatin N.T., Hong Kong T:+(852) 2636 0836 F:+(852) 2635 9036
CHINA: IDEALAnderson Technologies (Shenzhen) Ltd., Block A8 Tantou Western Industrial Park, Songgang Baoan District, Shenzhen, PR. China 518105 T: +(86) 755 2768 2118 F: +(86) 755 2768 2218
TAIWAN: IDEAL AndersonAsia Pacific Ltd., Taiwan Branch, 4F.-2, No.116, Dadun 20th St., Situn District,Taichung City 407, Taiwan (R.O.C.) T: +(886) 4 2310 6451 F:+(886) 4 2310 6460
www.andersonpower.com
DIMENSIONS
TEMPERATURE RISE CHART
Housings
-A-
-B-
-C-
-D-
Series
mm in.
mm in.
mm in.
mm in.
PP30 Pin
7.9 0.32
7.9 0.32
26.6 0.97
41.2 1.62
PP30 Socket 7.9 0.32
7.9 0.32
26.6 0.97
41.2 1.62
Contacts
-A-
-B-
-C-
Series
mm
in.
mm
in.
mm
in.
PP30 Pin
5.1
0.20
29.2
1.15
2.29
0.09
PP30 Socket
5.1
0.20
24.9
0.98
N/A
N/A
Socket
Pin
PP30 Ground Pin and Socket
Singlepole on 10 AWG Wire
Amperes Applied
40
30
20
10
0
0
10
20
30
40
50
A
C
B
C
D
10 AWG
A
C
B
A
B
PP30 Pin & Socket Connector
DS-PP30PS REV05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com