Electronic Components Datasheet Search
  English  ▼

X  

PP30 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # PP30
Description  PP30 Pin & Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PP30 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  PP30 Datasheet HTML 1Page - Anderson Power Products, Inc. PP30 Datasheet HTML 2Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HEADQUARTERS: Anderson Power Products®, 13 Pratts Junction Road, Sterling, MA01564-2305 USA T:978-422-3600 F:978-422-3700
EUROPE: Anderson Power Products® Ltd., Unit 3, Europa Court, Europa Boulevard, Westbrook, Warrington, Cheshire, WA5 7TN United Kingdom T: +44 (0) 1925 428390 F: +44 (0) 1925 428399
ASIA / PACIFIC:IDEAL AndersonAsia Pacific Ltd., Unit 922-928 Topsail Plaza, 11 On Sum Street, Shatin N.T., Hong Kong T:+(852) 2636 0836 F:+(852) 2635 9036
CHINA:IDEALAnderson Technologies (Shenzhen) Ltd., Block A8 Tantou Western Industrial Park, Songgang Baoan District, Shenzhen, PR. China 518105 T: +(86) 755 2768 2118 F: +(86) 755 2768 2218
TAIWAN: IDEAL AndersonAsia Pacific Ltd.,Taiwan Branch, 4F.-2, No.116, Dadun 20th St., Situn District,Taichung City 407, Taiwan (R.O.C.) T: +(886) 4 2310 6451 F:+(886) 4 2310 6460
www.andersonpower.com
PRODUCT SPECIFICATIONS
ORDERING INFORMATION
FEATURES
• Make-first/Break-last connection
Provides safety and system integrity
• Green housing
Indicates ground terminal
• Molded-in dovetails
Can be assembled into "keyed"
configurations to preclude misconnections
Powerpole® pin & socket series connector,
designed as ground terminal are for
make-first/break-last connections.
The dovetail feature allows you to interlock
multiple housings into vertical and horizontal
configurations, providing you with unique
variations that are specific to each individual
project requirement.
Powerpole® connectors provide 600 Volts
continuous, AC or DC operation. This series
accommodates #10 AWG (5.3 mm²).
30 amp Ground Socket Connectors
Part
Wire
Number
Description
AWG mm
PP30MF-S10T Make First, Socket Tin
#10 3.3
PP30MF-S10S Make First, Socket Silver
#10 3.3
30 amp Ground Pin Connectors
Part
Wire
Number
Description
AWG mm
PP30MF-P10T Make First, PinTin
#10
3.3
PP30MF-P10S Make First, Pin Silver
#10
3.3
PP30MF-PPCT Make First, Pin PC Tin
NA
NA
PP30MF-PPCS Make First, Pin PC Silver NA
NA
Ground Pin Contacts
Part
Number
Description
Dia.
1230G1
Individual, Pin for wire Tin
.134
1231G1
Individual, Pin for wire Silver
.134
1234G1
Pin, PCB Tin
N/A
1235G1
Pin, PCB Silver
N/A
Ground Socket Contacts
Part
Number
Description
Dia.
1232G1
Individual, Socket for wire Tin
.134
1233G1
Individual, Socket for wire Silver
.134
Pin & Socket Housing Only
Part
Number
Description
PP30GND-P
Pin housing, green
PP30GND-S
Socket housing, green
Pin & Socket Contacts For Use With
Superflex Wire
Part
Wire
Number
Description
AWG
mm
1226G1
Pin Contact
#10
6
1228G1
Socket Contact
#10
6
Tooling
Part
Number
Description
1396G1
Hand Tool
1387G1
Pneumatic Tool
1388G8
- Die #10
1389G8
- Locator #10
Connector Model
PP30 P & S
Connector Model
PP30 P & S
UL Current Rating (Amperes)*
30****
No load (Contact/Disconnect Cycles)
To 250
UL Voltage Ratings (Volts)**
600*
Avg. Connection/Disconnect (lbf)
3
Contact Barrel Wire Size (AWG)
#10
Operating Temperature Range °C***
-20° to 105°
(mm²)
5.3
Maximum Wire Insulation Diameter (inches)
0.175
Flammability Rating of Housing Material
UL94 V-0
(mm)
4.45
AVG Contact Resistance*
600
(micro-ohms)
Insulation Withstanding
2200
Test Voltage (Volts AC/DC)
Contact Retention Force (lbf)
25
* UL Rated for 65°C largest wire or cable size
** Both AC & DC Voltage
*** Contact factory for higher temperature rated connectors
**** Based on 10 AWG
°F
-4° to 221°
PP30 Pin & Socket
Powerpole® Connector


Similar Part No. - PP30

ManufacturerPart #DatasheetDescription
logo
Lumberg
PP30 LUMBERG-PP30 Datasheet
655Kb / 3P
Tools and harnessing machines
logo
Powerex Power Semicondu...
PP300B060 POWEREX-PP300B060 Datasheet
361Kb / 6P
POW-R-PAK 300A / 600V H-Bridge IGBT Assembly
PP300B120 POWEREX-PP300B120 Datasheet
362Kb / 6P
POW-R-PAK 300A / 1200V H-Bridge IGBT Assembly
PP300B120-ND POWEREX-PP300B120-ND Datasheet
583Kb / 5P
H-Bridge POW-R-PAK IGBT Assembly 300 Amperes/1200 Volts
PP300D060 POWEREX-PP300D060 Datasheet
363Kb / 6P
POW-R-PAK 300A / 600V Half Bridge IGBT Assembly
More results

Similar Description - PP30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
01827 VICOR-01827 Datasheet
22Kb / 1P
0.040 P.C. PIN SOCKET
01828 VICOR-01828 Datasheet
22Kb / 1P
0108 P.C. PIN SOCKET
logo
Renesas Technology Corp
IC61-0644-052 RENESAS-IC61-0644-052 Datasheet
690Kb / 7P
64-pin LCC Socket
logo
Glenair, Inc.
947-139NF21-35 GLENAIR-947-139NF21-35 Datasheet
471Kb / 2P
Pin/Pin or Socket/Socket In-Line Connector
logo
Tyco Electronics
925574-2 MACOM-925574-2 Datasheet
54Kb / 1P
RTV SOCKET (FOR 1,3mm.DIA. PIN)
logo
Adam Technologies, Inc.
CRT-09-001 ADAM-TECH-CRT-09-001 Datasheet
140Kb / 1P
9 PIN CRT SOCKET
DJ-013 ADAM-TECH-DJ-013 Datasheet
76Kb / 1P
13 PIN DIN SOCKET CONNECTOR
DJ-013-5 ADAM-TECH-DJ-013-5 Datasheet
76Kb / 1P
13 PIN DIN SOCKET CONNECTOR
logo
Aries Electronics, Inc.
12014 ARIES-12014 Datasheet
554Kb / 1P
Series 0503 Pin-Line??Socket Series 0503 Pin-Line??Socket
logo
EXCEL CELL ELECTRONIC C...
EMS ECE-EMS Datasheet
314Kb / 9P
MACHINE PIN SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com