Electronic Components Datasheet Search
  English  ▼

X  

HM72 Datasheet(PDF) 2 Page - Bi technologies

Part # HM72
Description  High Power High Performance Molded Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM72 Datasheet(HTML) 2 Page - Bi technologies

  HM72 Datasheet HTML 1Page - Bi technologies HM72 Datasheet HTML 2Page - Bi technologies HM72 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
74
Outline Dimensions (mm)
Figure 1
Top View
Bottom View
Recommended Land Pattern
Figure 2
Top View
Bottom View
Case Size
Fig.
A
B
D
E
F
G
I
06
1
7.23
6.8
2.0
3.3
7.4
3.0
2.0
10
2
11.5 10.5
4.9
3.3
11.5
3.0
2.5
12
2
13.5 13.0
6.9
3.3
13.5
3.0
2.5
Note: Refer to Specifications table for ‘C’ dimension of each model.
* The ‘G’ dimension of HM72-123R3HLF & HM72A-124R7HLF is 2.3mm.
Electrical Characteristics @ 25°C
Inductance vs. Current Characteristics
*
*



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com