Electronic Components Datasheet Search
  English  ▼

X  

HM72 Datasheet(PDF) 3 Page - Bi technologies

Part # HM72
Description  High Power High Performance Molded Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM72 Datasheet(HTML) 3 Page - Bi technologies

  HM72 Datasheet HTML 1Page - Bi technologies HM72 Datasheet HTML 2Page - Bi technologies HM72 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
75
Electrical Characteristics @ 25°C (Cont’d)
Inductance Rolloff vs. Current Characteristics
Ordering Information
Packaging
Standard: Embossed Tape and Reel
Reel: Diameter:
=
13” (330.2mm)
Capacity:
06XXX
=
1,000 Units
10XXX
=
500 Units
12XXXL
=
500 Units
12XXX/ 12XXXH =
400 Units
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10µH, “R“ denotes the decimal point.
Model Series
Case Size:
06, 10, 12
TR - Tape & Reel Packing
13” - 13” Reel
Lead Free
HM72A 06
1R0
LF
TR13



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com