Electronic Components Datasheet Search
  English  ▼

X  

1415682 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1415682
Description  SAC-5P-M12MR/10,0-PVC - Sensor/actuator cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1415682 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1415682 Datasheet HTML 1Page - PHOENIX CONTACT 1415682 Datasheet HTML 2Page - PHOENIX CONTACT 1415682 Datasheet HTML 3Page - PHOENIX CONTACT 1415682 Datasheet HTML 4Page - PHOENIX CONTACT 1415682 Datasheet HTML 5Page - PHOENIX CONTACT 1415682 Datasheet HTML 6Page - PHOENIX CONTACT 1415682 Datasheet HTML 7Page - PHOENIX CONTACT 1415682 Datasheet HTML 8Page - PHOENIX CONTACT 1415682 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 5-position, PVC, black RAL 9005, Plug angled M12, coding: A, on free
cable end, cable length: 10 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Commercial data
Item number
1415682
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
BF1CDA
Catalog page
Page 202 (C-2-2019)
GTIN
4055626050430
Weight per piece (including packing)
411.6 g
Weight per piece (excluding packing)
411.6 g
Customs tariff number
85444290
Country of origin
DE
SAC-5P-M12MR/10,0-PVC - Sensor/actuator cable
1415682
https://www.phoenixcontact.com/us/products/1415682
Jul 3, 2024, 4:07 AM
Page 1 (18)


Similar Part No. - 1415682

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415680 PHOENIX-1415680 Datasheet
580Kb / 18P
SAC-5P-M12MR/3,0-PVC - Sensor/actuator cable
1415681 PHOENIX-1415681 Datasheet
580Kb / 18P
SAC-5P-M12MR/5,0-PVC - Sensor/actuator cable
1415683 PHOENIX-1415683 Datasheet
148Kb / 11P
Sensor/actuator cable - SAC-5P- 1,5-PVC/M12FS
09/11/2020
1415684 PHOENIX-1415684 Datasheet
1Mb / 18P
SAC-5P- 3,0-PVC/M12FS - Sensor/actuator cable
1415685 PHOENIX-1415685 Datasheet
1Mb / 18P
SAC-5P-10,0-PVC/M12FS - Sensor/actuator cable
More results

Similar Description - 1415682

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403889 PHOENIX-1403889 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/10,0-PUR/M12FS
1402978 PHOENIX-1402978 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/A
1404814 PHOENIX-1404814 Datasheet
116Kb / 6P
Sensor/Actuator cable - SAC-5P-10,0-PVC/AD-2L B-L
1435111 PHOENIX-1435111 Datasheet
110Kb / 7P
Sensor/Actuator cable - SAC-5P-10,0-PUR/AD-2L
1404046 PHOENIX-1404046 Datasheet
127Kb / 10P
Sensor/actuator cable - SAC-5P-M12MR/3,0-600 HD
09/11/2020
1454448 PHOENIX-1454448 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-5P-10,0-802/M12FS
09/11/2020
1456925 PHOENIX-1456925 Datasheet
119Kb / 9P
Sensor/actuator cable - SAC-3P-M12MR/10,0-800
09/11/2020
1683374 PHOENIX-1683374 Datasheet
134Kb / 10P
Sensor/actuator cable - SAC-5P-10,0-PUR/M12FS
09/11/2020
1476884 PHOENIX-1476884 Datasheet
1Mb / 8P
SAC-5P-10,0-PUR/P12FR SH - Sensor/actuator cable
1476900 PHOENIX-1476900 Datasheet
1Mb / 8P
SAC-5P-P12MS/10,0-PUR SH - Sensor/actuator cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com