Electronic Components Datasheet Search
  English  ▼

X  

1415682 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1415682
Description  SAC-5P-M12MR/10,0-PVC - Sensor/actuator cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1415682 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1415682 Datasheet HTML 9Page - PHOENIX CONTACT 1415682 Datasheet HTML 10Page - PHOENIX CONTACT 1415682 Datasheet HTML 11Page - PHOENIX CONTACT 1415682 Datasheet HTML 12Page - PHOENIX CONTACT 1415682 Datasheet HTML 13Page - PHOENIX CONTACT 1415682 Datasheet HTML 14Page - PHOENIX CONTACT 1415682 Datasheet HTML 15Page - PHOENIX CONTACT 1415682 Datasheet HTML 16Page - PHOENIX CONTACT 1415682 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
WP-CTA POM 13,0 BK - Protective hose adapter
1422884
https://www.phoenixcontact.com/us/products/1422884
Protective hose adapter, for corrugated hoses with a nominal size of 13 (10 x
13), corrugated in parallel
WP-PA HF 13,0 BK - Protective hose
3240681
https://www.phoenixcontact.com/us/products/3240681
Protective hose, material: PA 6, UV-resistant: yes, flexible, degree of protection:
IP68, color: black, flammability rating in acc. with UL 94: V0, inner diameter: 10
mm, Total length: 50 m
SAC-5P-M12MR/10,0-PVC - Sensor/actuator cable
1415682
https://www.phoenixcontact.com/us/products/1415682
Jul 3, 2024, 4:07 AM
Page 13 (18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com