Electronic Components Datasheet Search
  English  ▼

X  

43WR2LFTB Datasheet(PDF) 1 Page - Bi technologies

Part # 43WR2LFTB
Description  3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

43WR2LFTB Datasheet(HTML) 1 Page - Bi technologies

  43WR2LFTB Datasheet HTML 1Page - Bi technologies 43WR2LFTB Datasheet HTML 2Page - Bi technologies 43WR2LFTB Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL 43
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
November 8, 2006
page 1 of 3
BI technologies
3 mm Multi-Turn
Sealed Surface Mount
Cermet Trimming
Potentiometer
RoHS compliant
MODELS AVAILABLE
MODELS AVAILABLE
MODELS AVAILABLE
MODELS AVAILABLE
J hook surface mount
43W
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL1111
Resistance Range
10 Ohm to 2 Megohms
Standard Resistance Tolerance
± 20%
Input Voltage, Maximum
200 Vdc or rms, not to exceed power rating
Power rating, Watts
0.125 @ 70
°C, derating to 0 @ 150°C
End Resistance, Maximum
1% or 3 Ohms, whichever is greater
Actual Electrical Travel, Nominal
11 turns
Dielectric Strength
600 V AC
Insulation Resistance, Minimum
100 Megohms
Resolution
Essentially infinite
Contact Resistance Variation, Maximum
3% or 3 Ohms, whichever is greater
Temperature Coefficient of Resistance
±100 ppm/
°C
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
Mechanical Stop
Wiper idles
Torque, Maximum
2.5 in. oz.
Weight, Approx.
0.01 oz.
Wiper Position
Approx. 50%
1
Specifications subject to change without notice.


Similar Part No. - 43WR2LFTB

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
43WR10KLFTB TTELEC-43WR10KLFTB Datasheet
617Kb / 3P
MULTI-TURN TRIMMER
43WR10KLFTR TTELEC-43WR10KLFTR Datasheet
617Kb / 3P
MULTI-TURN TRIMMER
logo
Bi technologies
43WR10KLF BITECH-43WR10KLF_09 Datasheet
68Kb / 3P
Cermet Trimming Potentiometer
More results

Similar Description - 43WR2LFTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
22AR10KLFTR BITECH-22AR10KLFTR Datasheet
171Kb / 3P
3 mm Single Turn Sealed Surface Mount Cermet Trimming Potentiometer
23AR10KLFTR BITECH-23AR10KLFTR Datasheet
125Kb / 4P
4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
35WR10KLFTR BITECH-35WR10KLFTR Datasheet
121Kb / 3P
3 mm Single-Turn Open Frame Surface Mount Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
3/8 Square Single Turn Cermet Trimming Potentiometer
83PR10KLF BITECH-83PR10KLF Datasheet
55Kb / 3P
1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
91PR10KLF BITECH-91PR10KLF Datasheet
69Kb / 4P
3/8 Diameter Single Turn Cermet Trimming Potentiometer
logo
Vishay Siliconix
5W-100 VISHAY-5W-100 Datasheet
181Kb / 2P
5mm 11 Turn Surface Mount Cermet Trimming Potentiometer
16-Jul-03
logo
List of Unclassifed Man...
22AR500LFTR ETC-22AR500LFTR Datasheet
164Kb / 3P
3 mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
logo
Bi technologies
23BR5KLFTR BITECH-23BR5KLFTR Datasheet
129Kb / 4P
4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com