Electronic Components Datasheet Search
  English  ▼

X  

43WR2LFTB Datasheet(PDF) 3 Page - Bi technologies

Part # 43WR2LFTB
Description  3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

43WR2LFTB Datasheet(HTML) 3 Page - Bi technologies

  43WR2LFTB Datasheet HTML 1Page - Bi technologies 43WR2LFTB Datasheet HTML 2Page - Bi technologies 43WR2LFTB Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL 43
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
November 8, 2006
page 3 of 3
BI technologies
OUTLINE DRAWING
OUTLINE DRAWING
OUTLINE DRAWING
OUTLINE DRAWING3333
Model 43W
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
3
Dimensions are Inches (mm), Tolerances are ±.01 inch (±.025 mm) unless otherwise stated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com