Electronic Components Datasheet Search
  English  ▼

X  

TDA3504 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3504
Description  Video control combination circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3504 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3504 Datasheet HTML 4Page - NXP Semiconductors TDA3504 Datasheet HTML 5Page - NXP Semiconductors TDA3504 Datasheet HTML 6Page - NXP Semiconductors TDA3504 Datasheet HTML 7Page - NXP Semiconductors TDA3504 Datasheet HTML 8Page - NXP Semiconductors TDA3504 Datasheet HTML 9Page - NXP Semiconductors TDA3504 Datasheet HTML 10Page - NXP Semiconductors TDA3504 Datasheet HTML 11Page - NXP Semiconductors TDA3504 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1996 Jan 09
8
Philips Semiconductors
Product specification
Video control combination circuit
TDA3504
APPLICATION INFORMATION
Fig.3 Basic application circuit diagram.
(1) When supplied via a 75
Ω line.
MSA515
75
Ω
(1)
10 nF
R 1 V (B/W)
75
Ω
(1)
10 nF
G 1 V (B/W)
75
Ω
(1)
10 nF
B 1 V (B/W)
75
Ω
(1)
signal
insertion
1 V
signal switch
pulse
sandcastle
pulse
22 nF
22 nF
22 nF
B
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TDA3504
G
R
150 k
Ω
10 nF
10 nF
n.c.
47 nF
4.7
µF
1N4148
brightness
1 to 3 V
contrast
2 to 4 V
(B Y)
1.33 V (p-p)
(R Y)
1.05 V (p-p)
saturation
2 to 4 V
Y
(0.45 V VBS
signal)
GND
beam current
(actual value)
+12 V
(VP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com