Electronic Components Datasheet Search
  English  ▼

X  

TDA3504 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3504
Description  Video control combination circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3504 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3504 Datasheet HTML 1Page - NXP Semiconductors TDA3504 Datasheet HTML 2Page - NXP Semiconductors TDA3504 Datasheet HTML 3Page - NXP Semiconductors TDA3504 Datasheet HTML 4Page - NXP Semiconductors TDA3504 Datasheet HTML 5Page - NXP Semiconductors TDA3504 Datasheet HTML 6Page - NXP Semiconductors TDA3504 Datasheet HTML 7Page - NXP Semiconductors TDA3504 Datasheet HTML 8Page - NXP Semiconductors TDA3504 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1996 Jan 09
2
Philips Semiconductors
Product specification
Video control combination circuit
TDA3504
FEATURES
• Capacitive coupling of the colour difference and
luminance input signals with black level clamping in the
input stages
• Linear saturation control acting on the colour difference
signals
• (G−Y) and RGB matrix
• Linear transmission of inserted signals
• Equal black levels for inserted and matrixed signals
• 3 identical channels for the RGB signals
• Linear contrast and brightness controls, operating on
both the inserted and matrixed RGB signals
• Clamping, horizontal and vertical blanking of the three
input signals controlled by a 3-level sandcastle pulse
• Emitter-follower outputs for driving the RGB output
stages.
GENERAL DESCRIPTION
The TDA3504 is an integrated circuit which performs video
control functions in a PAL/SECAM decoder for negative
colour difference signals
−(R−Y) and −(B−Y).
The required input signals are luminance and colour
difference and a 3-level sandcastle pulse for control
purposes. Linear RGB signals can be inserted from an
external source. RGB output signals are available for
driving the video output stages.
QUICK REFERENCE DATA
All voltages referenced to pin 18 (ground).
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 2)
−
12.0
−
V
IP
supply current (pin 2)
−
95
−
mA
V11(p-p)
video blanking sync (VBS) input signal
(peak-to-peak value)
−
0.45
−
V
V15(p-p)
−(B−Y) colour difference input signal
(peak-to-peak value)
−
1.33
−
V
V14(p-p)
−(R−Y) colour difference input signal
(peak-to-peak value)
−
1.05
−
V
V10, 9, 8(b-w)
inserted RGB signals (black-to-white value)
−
1.0
−
V
V6
3-level sandcastle pulse
level 1
−
2.5
−
V
level 2
−
4.5
−
V
level 3
−
8.0
−
V
V17
control voltage brightness
1.0
−
3.0
V
V16
control voltage contrast
2.0
−
4.2
V
V12
control voltage saturation
2.0
−
4.2
V
Tamb
operating ambient temperature
0
−
+70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA3504
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com