Electronic Components Datasheet Search
  English  ▼

X  

DER-37 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # DER-37
Description  16W Low Profile Adapter Supply using TOP245P
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-37 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button DER-37 Datasheet HTML 24Page - Power Integrations, Inc. DER-37 Datasheet HTML 25Page - Power Integrations, Inc. DER-37 Datasheet HTML 26Page - Power Integrations, Inc. DER-37 Datasheet HTML 27Page - Power Integrations, Inc. DER-37 Datasheet HTML 28Page - Power Integrations, Inc. DER-37 Datasheet HTML 29Page - Power Integrations, Inc. DER-37 Datasheet HTML 30Page - Power Integrations, Inc. DER-37 Datasheet HTML 31Page - Power Integrations, Inc. DER-37 Datasheet HTML 32Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
DER-37
16W Adapter using TOP245P
April 27, 2004
Page 30 of 32
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
14.2.2 Output floating
Figure 37 – NEUTRAL Conducted EMI, Maximum Steady State Load, 115 VAC, 60 Hz, and EN55022 B
Limits. Without the LISN’s PE connection to secondary ground.
Figure 38 – LINE Conducted EMI, Maximum Steady State Load, 115 VAC, 60 Hz, and EN55022 B Limits.
Without the LISN’s PE connection to secondary ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com