Electronic Components Datasheet Search
  English  ▼

X  

DER-37 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # DER-37
Description  16W Low Profile Adapter Supply using TOP245P
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-37 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button DER-37 Datasheet HTML 19Page - Power Integrations, Inc. DER-37 Datasheet HTML 20Page - Power Integrations, Inc. DER-37 Datasheet HTML 21Page - Power Integrations, Inc. DER-37 Datasheet HTML 22Page - Power Integrations, Inc. DER-37 Datasheet HTML 23Page - Power Integrations, Inc. DER-37 Datasheet HTML 24Page - Power Integrations, Inc. DER-37 Datasheet HTML 25Page - Power Integrations, Inc. DER-37 Datasheet HTML 26Page - Power Integrations, Inc. DER-37 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
DER-37
16W Adapter using TOP245P
April 27, 2004
Page 23 of 32
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
12.3 Drain Voltage and Current Start-up Profile
Figure 19 - 90 VAC Input and Maximum Load.
Upper: VDRAIN, 200 V & 1 ms / div.
Lower: IDRAIN, 0.5 A / div.
Figure 20 - 265 VAC Input and Maximum Load.
Upper: VDRAIN, 200 V & 1 ms / div.
Lower: IDRAIN, 0.5 A / div.
12.4 Load Transient Response (75% to 100% Load Step)
In the figures shown below, signal averaging was used to better enable viewing the load
transient response.
The oscilloscope was triggered using the load current step as a
trigger source. Since the output switching and line frequency occur essentially at random
with respect to the load transient, contributions to the output ripple from these sources
will average out, leaving the contribution only from the load step response.
Figure 21 – Transient Response, 115 VAC, 75-100-
75% Load Step.
Waveform: Output Voltage
100 mV, 500
µs / div.
Figure 22 – Transient Response, 230 VAC, 75-100-
75% Load Step
Waveform: Output Voltage
100 mV, 500uS / div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com