Electronic Components Datasheet Search
  English  ▼

X  

DER-40 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # DER-40
Description  21W (45W peak) Multiple Output Power Supply using TOP246Y
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-40 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  DER-40 Datasheet HTML 1Page - Power Integrations, Inc. DER-40 Datasheet HTML 2Page - Power Integrations, Inc. DER-40 Datasheet HTML 3Page - Power Integrations, Inc. DER-40 Datasheet HTML 4Page - Power Integrations, Inc. DER-40 Datasheet HTML 5Page - Power Integrations, Inc. DER-40 Datasheet HTML 6Page - Power Integrations, Inc. DER-40 Datasheet HTML 7Page - Power Integrations, Inc. DER-40 Datasheet HTML 8Page - Power Integrations, Inc. DER-40 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DER-40
DVD/RW HDD PSU using TOP246Y
February 22, 2005
Page 5 of 30
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
3
Power Supply Specification
The load currents below are actual measurements of the DVD/R unit. The capability of the
PSU design is higher than the measured consumption of the unit.
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
90
265
VAC
2 Wires System
Frequency
fLINE
47
50/60
64
Hz
Output Voltage 1
VOUT1
3.135
3.3
3.465
V
Output Ripple Voltage 1
VRIPPLE1
150
mV
20 MHz Bandwidth for all the
outputs
Output Current 1
IOUT1
1.51
A
Output Voltage 2
VOUT2
4.75
5.0
5.25
V
Output Ripple Voltage 2
VRIPPLE2
150
mV
Output Current 2
IOUT2
1.40
A
Output Voltage 3
VOUT3
10.5
12
13.5
V
Output Ripple Voltage 3
VRIPPLE3
240
mV
Output Current 3
IOUT3
0.72
2.75
A
Output Voltage 4 (FL)
VOUT4
2.5
3.0
3.5
V
Output Ripple Voltage 4
VRIPPLE4
mV
Output Current 4
IOUT4
0.1
A
Output Voltage 5
VOUT5
-19.8
-22.0
-24.2
V
Output Ripple Voltage 5
VRIPPLE5
280
mV
Output Current 5
IOUT5
0.004
A
Total Output Power
Continuous Output Power
POUT
21
W
Peak Output Power
POUT_PEAK
45
W
Actual load measurement
Efficiency
η
74
%
Measured at POUT (21W), 25
oC
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Safety
Designed to meet IEC950, UL1950
Class II
Ambient Temperature
TAMB
25
oC
Free convection, sea level
Note: When the maximum input power happens, only 12V output shows a significantly
higher peak power. All other outputs are specified at average output current at DVD drive
recorder mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com