Electronic Components Datasheet Search
  English  ▼

X  

DER-40 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # DER-40
Description  21W (45W peak) Multiple Output Power Supply using TOP246Y
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-40 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button DER-40 Datasheet HTML 18Page - Power Integrations, Inc. DER-40 Datasheet HTML 19Page - Power Integrations, Inc. DER-40 Datasheet HTML 20Page - Power Integrations, Inc. DER-40 Datasheet HTML 21Page - Power Integrations, Inc. DER-40 Datasheet HTML 22Page - Power Integrations, Inc. DER-40 Datasheet HTML 23Page - Power Integrations, Inc. DER-40 Datasheet HTML 24Page - Power Integrations, Inc. DER-40 Datasheet HTML 25Page - Power Integrations, Inc. DER-40 Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
DER-40
DVD/RW HDD PSU using TOP246Y
February 22, 2005
Page 22 of 30
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10 Thermal Performance
Test Condition: The DVD/RW HDD was set on the bench. The unit is recording (highest
continuous load) during the test.
Temperature (
°C)
90Vac
265Vac
Item
(
°C)
Ambient (
°C)
25
TOP246Y (U1)
67.7
56.2
5 V filter Cap (C10)
56.2
55.5
3.3 V Rectifier (D10)
75.1
74.3
5 V Rectifier (D9)
83.2
82.6
Note: H1 heatsink is attached to D9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com