Electronic Components Datasheet Search
  English  ▼

X  

DER-49 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # DER-49
Description  3W Non-Isolated Buck-Boost Converter using LNK305P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-49 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button DER-49 Datasheet HTML 3Page - Power Integrations, Inc. DER-49 Datasheet HTML 4Page - Power Integrations, Inc. DER-49 Datasheet HTML 5Page - Power Integrations, Inc. DER-49 Datasheet HTML 6Page - Power Integrations, Inc. DER-49 Datasheet HTML 7Page - Power Integrations, Inc. DER-49 Datasheet HTML 8Page - Power Integrations, Inc. DER-49 Datasheet HTML 9Page - Power Integrations, Inc. DER-49 Datasheet HTML 10Page - Power Integrations, Inc. DER-49 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DER-49
-12V/3W, Non-Isolated Buck-Boost Converter
April 20, 2005
Page 7 of 17
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6
Bill Of Materials
Item QTY Ref Des Value
Manufacturer
P/N
1
2
C1, C2
10uF/400V
2
1
C3
100uF/25V
3
1
C4
10uF/50V
4
1
C5
0.1uF/50V
5
1
D1
Standard Rec. 1A/1000V
Diodes, Inc.
1N4007
6
1
D2
Standard Rec. 1A/600V
Diodes, Inc.
1N4005GP
7
1
D3
Ultrafast 1A/600V
Diodes, Inc.
MUR160
8
1
L1
2.2mH
Toko
262LY-222K
9
1
L2
1500uH
Toko
824MY-152K
10
1
R2
3.3k 5% 1/4W
11
1
R3
12k 1% 1/8W
12
1
R4
2.05k 1% 1/8W
13
1
RF1
47 ohm/3W
RCD Components
14
1
U1
PWM +MOSFET
Power Integrations
LNK305P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com