Electronic Components Datasheet Search
  English  ▼

X  

DER-49 Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # DER-49
Description  3W Non-Isolated Buck-Boost Converter using LNK305P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-49 Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button DER-49 Datasheet HTML 6Page - Power Integrations, Inc. DER-49 Datasheet HTML 7Page - Power Integrations, Inc. DER-49 Datasheet HTML 8Page - Power Integrations, Inc. DER-49 Datasheet HTML 9Page - Power Integrations, Inc. DER-49 Datasheet HTML 10Page - Power Integrations, Inc. DER-49 Datasheet HTML 11Page - Power Integrations, Inc. DER-49 Datasheet HTML 12Page - Power Integrations, Inc. DER-49 Datasheet HTML 13Page - Power Integrations, Inc. DER-49 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DER-49
-12V/3W, Non-Isolated Buck-Boost Converter
April 20, 2005
Page 10 of 17
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8
Waveforms
8.1
Source Voltage and Current, Normal Operation
Figure 8 - 108 VAC, Full Load.
Upper: IDRAIN, 0.2 A / div
Lower: VSOURCE, 50 V, 5
µs / div
Figure 9 - 265 VAC, Full Load.
Upper: IDRAIN, 0.2 A / div
Lower: VSOURCE, 100 V / div
8.2
Output Voltage Start-up Profile
Figure 10 - 108 VAC Input and Maximum Load.
5 V / div, 10 ms
Figure 11 - 265 VAC Input and Maximum Load.
5 V / div, 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com