Electronic Components Datasheet Search
  English  ▼

X  

DER-53 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # DER-53
Description  20W Dual Output Power Supply using TOP247Y
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-53 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  DER-53 Datasheet HTML 1Page - Power Integrations, Inc. DER-53 Datasheet HTML 2Page - Power Integrations, Inc. DER-53 Datasheet HTML 3Page - Power Integrations, Inc. DER-53 Datasheet HTML 4Page - Power Integrations, Inc. DER-53 Datasheet HTML 5Page - Power Integrations, Inc. DER-53 Datasheet HTML 6Page - Power Integrations, Inc. DER-53 Datasheet HTML 7Page - Power Integrations, Inc. DER-53 Datasheet HTML 8Page - Power Integrations, Inc. DER-53 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DER-53
105C Dual Output Cook top Power Supply
April 20, 2005
Page 5 of 27
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
85
265
VAC
2 Wire – no P.E.
Frequency
fLINE
47
50/60
64
Hz
No-load Input Power (230 VAC)
0.3
W
Output
Output Voltage 1
VOUT1
12
V
± 5%
Output Ripple Voltage 1
VRIPPLE1
50
mV
20 MHz bandwidth
Output Current 1
IOUT1
0.25
1.25
A
Output Voltage 2
VOUT2
-14
V
± 10%
Output Ripple Voltage 2
VRIPPLE2
100
mV
20 MHz bandwidth
Output Current 2
IOUT2
0.05
0.4
A
Total Output Power
Continuous Output Power
POUT
20.6
W
Peak Output Power
40
W
Efficiency
η
85
%
Measured at POUT (20.6 W), 25
oC
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Safety
Designed to meet IEC950, UL1950
Class II
Surge
TBD
kV
1.2/50
µs surge, IEC 1000-4-5,
Series Impedance:
Differential Mode: 2
Ω
Common Mode: 12
Ω
Surge
TBD
kV
100 kHz ring wave, 500 A short
circuit current, differential and
common mode
Ambient Temperature
TAMB
0
105
oC
Free convection, sea level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com