Electronic Components Datasheet Search
  English  ▼

X  

DER-53 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-53
Description  20W Dual Output Power Supply using TOP247Y
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-53 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-53 Datasheet HTML 1Page - Power Integrations, Inc. DER-53 Datasheet HTML 2Page - Power Integrations, Inc. DER-53 Datasheet HTML 3Page - Power Integrations, Inc. DER-53 Datasheet HTML 4Page - Power Integrations, Inc. DER-53 Datasheet HTML 5Page - Power Integrations, Inc. DER-53 Datasheet HTML 6Page - Power Integrations, Inc. DER-53 Datasheet HTML 7Page - Power Integrations, Inc. DER-53 Datasheet HTML 8Page - Power Integrations, Inc. DER-53 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
DER-53
105C Dual Output Cook top Power Supply
April 20, 2005
Page 2 of 27
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction................................................................................................................. 4
2
Power Supply Specification ........................................................................................ 5
3
Schematic................................................................................................................... 6
4
Circuit Description ...................................................................................................... 7
4.1
Input EMI Filtering ............................................................................................... 7
4.2
TOPSwitch Primary ............................................................................................. 7
4.3
Output Rectification ............................................................................................. 7
4.4
Output Feedback................................................................................................. 7
5
PCB Layout ................................................................................................................ 9
6
Bill Of Materials ........................................................................................................ 10
7
Transformer Specification......................................................................................... 12
7.1
Electrical Diagram ............................................................................................. 12
7.2
Electrical Specifications..................................................................................... 12
7.3
Materials............................................................................................................ 12
7.4
Transformer Build Diagram ............................................................................... 13
7.5
Transformer Construction.................................................................................. 13
7.6
Bobbin Drawing ................................................................................................. 14
7.7
Transformer Spreadsheets................................................................................ 15
8
Performance Data .................................................................................................... 17
8.1
Efficiency........................................................................................................... 17
8.2
Minimum Load Input Power............................................................................... 17
8.3
Regulation ......................................................................................................... 18
8.3.1
Load ........................................................................................................... 18
8.3.2
Line ............................................................................................................ 18
9
Thermal Performance............................................................................................... 19
10
Waveforms............................................................................................................ 20
10.1
Drain Voltage and Current, Normal Operation .................................................. 20
10.2
Output Voltage Start-up Profile ......................................................................... 20
10.3
Drain Voltage and Current Start-up Profile........................................................ 21
10.4
Load Transient Response (75% to 100% Load Step) ....................................... 21
10.5
Output Ripple Measurements............................................................................ 22
10.5.1
Ripple Measurement Technique ................................................................ 22
10.5.2
Measurement Results ................................................................................ 23
11
Control Loop Measurements................................................................................. 24
11.1
85 VAC Input..................................................................................................... 24
11.2
265 VAC Input................................................................................................... 24
12
Conducted EMI ..................................................................................................... 25
13
Revision History .................................................................................................... 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com